Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN65EPT21D/DR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65EPT21D/DR
Description  3.3-V Differential PECL/LVDS to TTL Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65EPT21D/DR Datasheet(HTML) 2 Page - Texas Instruments

  SN65EPT21D/DR Datasheet HTML 1Page - Texas Instruments SN65EPT21D/DR Datasheet HTML 2Page - Texas Instruments SN65EPT21D/DR Datasheet HTML 3Page - Texas Instruments SN65EPT21D/DR Datasheet HTML 4Page - Texas Instruments SN65EPT21D/DR Datasheet HTML 5Page - Texas Instruments SN65EPT21D/DR Datasheet HTML 6Page - Texas Instruments SN65EPT21D/DR Datasheet HTML 7Page - Texas Instruments SN65EPT21D/DR Datasheet HTML 8Page - Texas Instruments SN65EPT21D/DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN65EPT21
SLLS970 – NOVEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER
CONDITIONS
VALUE
UNIT
Absolute PECL mode supply voltage
VCC (GND = 0 V)
3.8
V
Sink/source current, VBB
±0.5
mA
PECL input voltage
GND = 0 V, VI ≤ VCC
0 to 3.8
V
Operating temperature range
–40 to 85
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
POWER RATING
THERMAL RESISTANCE,
DERATING FACTOR
POWER RATING
CIRCUIT BOARD
JUNCTION-TO-AMBIENT
PACKAGE
TA < 25°C
TA > 25°C
TA = 85°C
MODEL
NO AIRFLOW
(mW)
(mW/°C)
(mW)
SOIC
Low-K
719
139
7
288
High-K
840
119
8
336
MSOP
Low-K
469
213
5
188
High-K
527
189
5
211
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
θJB
Junction-to-board thermal resistance
SOIC
79
°C/W
MSOP
120
θJC
Junction-to-case thermal resistance
SOIC
98
°C/W
MSOP
74
KEY ATTRIBUTES
CHARACTERISTICS
VALUE
Internal input pull-down resistor
50 k
Ω
Internal input pull-up resistor
50 k
Ω
Moisture sensitivity level
Level 1
Flammability rating (oxygen index: 28 to 34)
UL 94 V-0 at 0.125 in
Electrostatic discharge
Human body model
2 kV
Charged-device model
2 kV
Machine mode
200 V
Meets or exceeds JEDEC Spec EIA/JESD78 latchup test
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65EPT21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com