Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN65EPT23D/DR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65EPT23D/DR
Description  3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65EPT23D/DR Datasheet(HTML) 2 Page - Texas Instruments

  SN65EPT23D/DR Datasheet HTML 1Page - Texas Instruments SN65EPT23D/DR Datasheet HTML 2Page - Texas Instruments SN65EPT23D/DR Datasheet HTML 3Page - Texas Instruments SN65EPT23D/DR Datasheet HTML 4Page - Texas Instruments SN65EPT23D/DR Datasheet HTML 5Page - Texas Instruments SN65EPT23D/DR Datasheet HTML 6Page - Texas Instruments SN65EPT23D/DR Datasheet HTML 7Page - Texas Instruments SN65EPT23D/DR Datasheet HTML 8Page - Texas Instruments SN65EPT23D/DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SN65EPT23
SLLS969A
– NOVEMBER 2009 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITION
VALUE
UNIT
Absolute supply voltage, VCC
GND = 0V
3.8
V
Absolute input voltage, VI
GND = 0 and Vi
≤ VCC
0 to 3.8
V
Continuous
50
Output current
mA
Surge
100
Operating temperature range
–40 to 85
°C
Storage temperature range
–65 to 150
°C
POWER DISSIPATION RATINGS
POWER RATING
THERMAL RESISTANCE,
DERATING FACTOR
POWER RATING
CIRCUIT BOARD
JUNCTION TO AMBIENT
PACKAGE
TA < 25°C
TA > 25°C
TA = 85°C
MODEL
NO AIRFLOW
(mW)
(mW/
°C)
(mW)
SOIC
Low-K
719
139
7
288
High-K
840
119
8
336
MSOP
Low-K
469
213
5
188
High-K
527
189
5
211
THERMAL CHARACTERISTICS
PARAMETER
PACKAGE
VALUE
UNIT
qJB
Junction-to Board Thermal Resistance
SOIC
79
°C/W
MSOP
120
qJC
Junction-to Case Thermal Resistance
SOIC
98
°C/W
MSOP
74
KEY ATTRIBUTES
CHARACTERISTICS
VALUE
Moisture sensitivity level
Level 1
Flammability rating (Oxygen Index: 28 to 34)
UL 94 V-0 at 0.125 in
ESD-HBM
2 kV
ESD-machine model
200 V
ESD-charge device model
2 kV
Internal pull down resistor
50 k
Ω
Internal pull up resistor
50 k
Ω
Meets or exceeds JEDEC Spec EIA/JESD78 latchup test
2
Submit Documentation Feedback
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): SN65EPT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com