Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS2G100MPD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UCS2G100MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS2G100MPD Datasheet(HTML) 3 Page - Nichicon corporation

  UCS2G100MPD Datasheet HTML 1Page - Nichicon corporation UCS2G100MPD Datasheet HTML 2Page - Nichicon corporation UCS2G100MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UCS
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
400
(2G)
6.8
10×16
0.24
208.8
280
 UCS2G6R8MPD
10
10×20
0.24
260
350
 UCS2G100MPD
15
12.5×20
0.24
340
550
 UCS2G150MHD
22
12.5×20
0.24
452
760
 UCS2G220MHD
33
16×20
0.24
628
900
 UCS2G330MHD
47
16×25
0.24
852
1180
 UCS2G470MHD
47
18×20
0.24
852
1180
 UCS2G470MHD6
68
18×25
0.24
1188
1470
 UCS2G680MHD
82
18×25
0.24
1412
1525
 UCS2G820MHD
450
(2W)
6.8
10×20
0.24
222.4
280
 UCS2W6R8MPD
10
12.5×20
0.24
280
450
 UCS2W100MHD
15
12.5×25
0.24
370
600
 UCS2W150MHD
22
16×20
0.24
496
730
 UCS2W220MHD
33
16×25
0.24
694
980
 UCS2W330MHD
33
18×20
0.24
694
980
 UCS2W330MHD6
47
18×25
0.24
946
1200
 UCS2W470MHD
68
18×30.5
0.24
1324
1575
 UCS2W680MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com