Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM7710 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 14Page - STMicroelectronics STM7710 Datasheet HTML 15Page - STMicroelectronics STM7710 Datasheet HTML 16Page - STMicroelectronics STM7710 Datasheet HTML 17Page - STMicroelectronics STM7710 Datasheet HTML 18Page - STMicroelectronics STM7710 Datasheet HTML 19Page - STMicroelectronics STM7710 Datasheet HTML 20Page - STMicroelectronics STM7710 Datasheet HTML 21Page - STMicroelectronics STM7710 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Architecture
STM7710
18/23
2.14
Audio subsystem
The audio subsystem comprises the audio controller, the MMDSP 24-bit audio digital signal
processor and the audio output interfaces. The audio subsystem is shown in Figure 8.
Figure 8.
Audio decoder interface block diagram
2.14.1
Audio decoder interface
The audio decoder interface receives, buffers and reformats audio data. It handles up to
three audio data flows concurrently.
●
It receives a raw PCM stream from an external source through the PCM input interface
or receives a compressed data stream from an internal source such as the PTI and
stores this in a memory buffer through DMA. This is used to buffer and play the main
audio for the digital or analog program.
●
It receives a PCM file or stream from a memory buffer through DMA and delivers this to
the MMDSP’s 2nd input for sample rate conversion and mixing with the main audio.
The second input may also receive a PCM stream directly from the PCM input
interface. This is used to play PCM data which is mixed with the main audio.
PCM buffer
Channel 1 bit buffer
I2S
Off-chip DDR SDRAM
Audio FIFO in
CDin
main
Audio FIFO out
PCM FIFO out
Register
interface
Audio decoder
Audio decoder interface
In 1
audio
Decoding/
PCM bypass
2 channels
Mixer
Compressed
audio
MUX
Sample rate
conversion
IEC958/1937
formatting
S/PDIF
interface
Stereo audio
DAC system
Register
interface
Main
2nd
input
MMDSP
from PTI
out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com