Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FETA2500BA-36 Datasheet(PDF) 16 Page - COSEL CO., LTD.

Part # FETA2500BA-36
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA2500BA-36 Datasheet(HTML) 16 Page - COSEL CO., LTD.

Back Button FETA2500BA-36 Datasheet HTML 11Page - COSEL CO., LTD. FETA2500BA-36 Datasheet HTML 12Page - COSEL CO., LTD. FETA2500BA-36 Datasheet HTML 13Page - COSEL CO., LTD. FETA2500BA-36 Datasheet HTML 14Page - COSEL CO., LTD. FETA2500BA-36 Datasheet HTML 15Page - COSEL CO., LTD. FETA2500BA-36 Datasheet HTML 16Page - COSEL CO., LTD. FETA2500BA-36 Datasheet HTML 17Page - COSEL CO., LTD. FETA2500BA-36 Datasheet HTML 18Page - COSEL CO., LTD. FETA2500BA-36 Datasheet HTML 19Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
¿
FETA7000ST
1
2
3
4
5
6
8
7
9
0
å
∫
¿
FETA7000ST
Pin Configuration and Functions of CN1, CN2
CN2
CN1
1
2
11
12
1
2
11
12
Pin Configuration and Function of CN1, CN2
Pin No.
Pin Name
Function
1
AUXG
Auxiliary power output (GND)
2
AUX
Auxiliary power output
3
WRNG
Warning signal (GND)
4
WRN
Warning signal
5
PGG
Alarm signal (GND)
6
PG
Alarm signal
7
RCG
Remote ON/OFF (GND)
8
RC
Remote ON/OFF
9
COM
Signal ground
10
TRM
Adjustment of output voltage
11
VB
Voltage Balance
12
CB
Current Balance
Mating connector and terminal
Connector
Housing
Terminal
Mfr.
CN1 S12B-PUDSS-1 PUDP-12V-S Reel : SPUD-001T-P0.5
or
SPUD-002T-P0.5 J.S.T
CN2
1
AC (L3)
2
AC (L2) Input Terminals AC170 - 264V 3f - 4 wire 47 - 63Hz
3
AC (L1) (M5)
4
AC (N)
5
Frame ground (M5
)
6
+Output
7
-Output
8
CN2
9
CN1 Connectors
0
LED for output voltage confirmation (DC_OK)
å
LED for fault condition detection (ALARM)
∫
Output voltage adjustable potentionmeter
¿
FETA7000T
1
2
3
4
5
6
7
8
9
0
å
¿
FETA7000T
Pin Configuration and Functions of CN1, CN2
CN2
CN1
1
2
11
12
1
2
11
12
Pin Configuration and Function of CN1, CN2
Pin No.
Pin Name
Function
1
AUXG
Auxiliary power output (GND)
2
AUX
Auxiliary power output
3
WRNG
Warning signal (GND)
4
WRN
Warning signal
5
PGG
Alarm signal (GND)
6
PG
Alarm signal
7
RCG
Remote ON/OFF (GND)
8
RC
Remote ON/OFF
9
COM
Signal ground
10
TRM
Adjustment of output voltage
11
VB
Voltage Balance
12
CB
Current Balance
Mating connector and terminal
Connector
Housing
Terminal
Mfr.
CN1 S12B-PUDSS-1 PUDP-12V-S Reel : SPUD-001T-P0.5
or SPUD-002T-P0.5 J.S.T
CN2
1
AC (T)
2
AC (S) Input Terminals AC170 - 264V 3f47 - 63Hz
3
AC (R) (M5)
4
Frame ground (M5
)
5
+Output
6
-Output
7
CN2
8
CN1 Connectors
9
LED for output voltage confirmation (DC_OK)
0
LED for fault condition detection (ALARM)
å
Output voltage adjustable potentionmeter
FETA-16
Terminal Blocks
FETA-series
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com