Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2X Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC18F2X
Description  Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Datasheet(HTML) 2 Page - Microchip Technology

  PIC18F2X_V01 Datasheet HTML 1Page - Microchip Technology PIC18F2X_V01 Datasheet HTML 2Page - Microchip Technology PIC18F2X_V01 Datasheet HTML 3Page - Microchip Technology PIC18F2X_V01 Datasheet HTML 4Page - Microchip Technology PIC18F2X_V01 Datasheet HTML 5Page - Microchip Technology PIC18F2X_V01 Datasheet HTML 6Page - Microchip Technology PIC18F2X_V01 Datasheet HTML 7Page - Microchip Technology PIC18F2X_V01 Datasheet HTML 8Page - Microchip Technology PIC18F2X_V01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PIC18(L)F2X/4X/6XK40
DS40001735C-page 2
Advance Information
 2013-2016 Microchip Technology Inc.
• Signal Measurement Timer (SMT):
- 24-bit signal measurement timer and
24-bit timer/counter
• Hardware Capacitive Voltage Divider (CVD):
- Automates touch sampling and reduces
software size and CPU usage when touch or
proximity sensing is required
- Adjustable sample and hold capacitor array
- Two guard ring output drives
• Peripheral Pin Select (PPS):
- Enables pin mapping of digital I/O
Analog Peripherals:
• 10-Bit Analog-to-Digital Converter (ADC):
- Up to 47 external channels
- Conversion available during Sleep
- Temperature indicator
• Zero-Cross Detect (ZCD):
- Detect when AC signal on pin crosses
ground
• 5-Bit Digital-to-Analog Converter (DAC):
- Output available externally
- Programmable 5-bit voltage (% of VDD)
- Internal connections to comparators, Fixed
Voltage Reference and ADC
• Up to Three Comparators (CMP):
- Four external inputs
- External output via PPS
• Fixed Voltage Reference (FVR) module:
- 1.024V, 2.048V and 4.096V output levels
Clocking Structure:
• 16 MHz Internal Oscillator Block:
- ±1% at calibration
- Selectable frequency range from 1 MHz to
16 MHz
• 32 kHz Low-Power Internal Oscillator
• External Oscillator Block with:
- Two Crystal/Resonator modes up to 64 MHz
- External clock up to 64 MHz
• Fail-Safe Clock Monitor
• Two-Speed Oscillator Start-up
Programming/Debug Features:
• In-Circuit Debug Integrated On-Chip
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
• x2/x4 PLL for up to 64 MHz from Internal or
External Clock Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com