Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18LF2X/4X/6XK40 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18LF2X/4X/6XK40
Description  Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF2X/4X/6XK40 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18LF2X/4X/6XK40 Datasheet HTML 1Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 2Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 3Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 4Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 5Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 6Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 7Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 8Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
 2013-2016 Microchip Technology Inc.
Advance Information
DS40001735C-page 3
PIC18(L)F2X/4X/6XK40
TABLE 1:
PIC18(L)F2X/4X/6XK40 FAMILY TYPES
Device
PIC18(L)F24K40
(A)
16k
1024
256
24
4/3
2
24
1
1
2/2
1
3
Y
Y
1
1
Y
I
0
PIC18(L)F25K40
(A)
32k
2048
256
24
4/3
2
24
1
1
2/2
1
3
Y
Y
1
1
Y
I
0
PIC18(L)F26K40
(B)
64k
4096
1024
24
4/3
2
24
1
1
2/2
1
3
Y
Y
2
2
Y
I
0
PIC18(L)F27K40
(C)
128k
4096
1024
24
4/3
2
24
1
1
2/2
1
3
Y
Y
2
2
Y
I
0
PIC18(L)F45K40
(B)
32k
2048
256
35
4/3
2
35
1
1
2/2
1
3
Y
Y
2
2
Y
I
0
PIC18(L)F46K40
(B)
64k
4096
1024
35
4/3
2
35
1
1
2/2
1
3
Y
Y
2
2
Y
I
0
PIC18(L)F47K40
(C)
128k
4096
1024
35
4/3
2
35
1
1
2/2
1
3
Y
Y
2
2
Y
I
0
PIC18(L)F65K40
(D)
32k
2048
1024
53
5/4
3
47
1
1
5/2
1
4
Y
Y
5
2
Y
I
2
PIC18(L)F66K40
(D)
64k
4096
1024
53
5/4
3
47
1
1
5/2
1
4
Y
Y
5
2
Y
I
2
PIC18(L)F67K40
(E)
128k
4096
1024
53
5/4
3
47
1
1
5/2
1
4
Y
Y
5
2
Y
I
2
Note
1:
Debugging Methods: (I) – Integrated on Chip; (H) – via ICD Header; E – using Emulation Product.
Data Sheet Index:
A.
Future Release
PIC18(L)F24K40/25K40 Data Sheet, 28-Pin, 8-bit Flash Microcontrollers
B.
Future Release
PIC18(L)F26K40/45K40/46K40 Data Sheet, 28/40-Pin, 8-bit Flash Microcontrollers
C.
Future Release
PIC18(L)F27K40/47K40 Data Sheet, 28/40-Pin, 8-bit Flash Microcontrollers
D.
Future Release
PIC18(L)F65K40/66K40 Data Sheet, 64-Pin, 8-bit Flash Microcontrollers
E.
Future Release
PIC18(L)F67K40 Data Sheet, 64-Pin, 8-bit Flash Microcontrollers
Note:
For other small form-factor package availability and marking information, please visit
http://www.microchip.com/packaging or contact your local sales office.
TABLE 2:
PACKAGES
Packages
SPDIP
(SP)
SOIC
(SO)
SSOP
(SS)
QFN
(ML)
(6x6x0.9)
UQFN
(MV)
(4x4x0.5)
TQFP
(PT)
PDIP
(P)
UQFN
(MV)
(5x5x0.5)
QFN
(ML)
(8x8)
QFN
(MR)
(9x9)
PIC18(L)F24K40
X
X
X
X
X
PIC18(L)F25K40
X
X
X
X
X
PIC18(L)F26K40
X
X
X
X
X
PIC18(L)F27K40
X
X
X
X
PIC18(L)F45K40
X
X
X
X
PIC18(L)F46K40
X
X
X
X
PIC18(L)F47K40
X
X
X
X
PIC18(L)F65K40
X
X
PIC18(L)F66K40
X
X
PIC18(L)F67K40
X
X
Note:
Pin details are subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com