Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F412REY7TR Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F412REY7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412REY7TR Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F412REY7TR Datasheet HTML 90Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 91Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 92Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 93Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 94Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 95Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 96Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 97Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 201 page
background image
Electrical characteristics
STM32F412xE/G
94/201
DocID028087 Rev 7
Table 28. Typical and maximum current consumption in run mode, code with data processing
(ART accelerator enabled with prefetch) running from Flash memory - VDD = 3.6 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD
Supply current
in Run mode
External clock,
PLL ON,
all peripherals enabled(2)
100
38.9
41.10
42.85
44.28
46.80
mA
84
32.8
34.61
35.77
36.72
38.81
64
23.6
24.96
25.84
26.64
28.16
50
18.7
19.90
20.67
21.45
22.67
25
10.1
11.11
11.70
12.40
13.10
20
8.6
9.46
10.07
10.81
11.43
HSI, PLL OFF,
all peripherals enabled
16
6.3
6.77
7.42
8.21
8.68
1
1.1
1.35
1.84
2.59
2.74
External clock,
PLL ON(2)
all peripherals disabled
100
24.7
26.11
27.59
28.84
32.07
84
21.4
22.22
23.53
24.66
27.42
64
15.8
16.80
17.90
18.99
21.12
50
12.6
13.51
14.52
15.54
17.28
25
7.0
7.85
8.57
9.39
10.44
20
6.0
6.67
7.37
8.26
9.19
HSI, PLL OFF,
all peripherals disabled
16
4.5
4.80
5.47
6.33
7.04
1
0.9
1.25
1.81
2.58
2.87
1. Based on characterization, not tested in production unless otherwise specified.
2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com