Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F412CEH3TR Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32F412CEH3TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CEH3TR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F412CEH3TR Datasheet HTML 53Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 54Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 55Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 56Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 57Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 58Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 59Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 60Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 201 page
background image
DocID028087 Rev 7
57/201
STM32F412xE/G
Pinouts and pin description
73
27 35 G1 53
K11
L11
75
PB14
I/O
FT
-
TIM1_CH2N,
TIM8_CH2N,
I2CFMP1_SDA,
SPI2_MISO,
I2S2ext_SD,
USART3_RTS,
DFSDM1_DATIN2,
TIM12_CH1,
FSMC_D0/FSMC_DA0,
SDIO_D6, EVENTOUT
-
28 36 F2 54
K10
L12
76
PB15
I/O
FT
-
RTC_50Hz,
TIM1_CH3N,
TIM8_CH3N,
I2CFMP1_SCL,
SPI2_MOSI/I2S2_SD,
DFSDM1_CKIN2,
TIM12_CH2, SDIO_CK,
EVENTOUT
-
---
55
-
L9
77
PD8
I/O
FT
-
USART3_TX,
FSMC_D13/
FSMC_DA13,
EVENTOUT
-
-
-
-
56
K8
K9
78
PD9
I/O
FT
-
USART3_RX,
FSMC_D14/FSMC_DA1
4, EVENTOUT
-
---
57
J12
J9
79
PD10
I/O
FT
-
USART3_CK,
FSMC_D15/FSMC_DA1
5, EVENTOUT
-
---
58
J11
H9
80
PD11
I/O
FT
-
I2CFMP1_SMBA,
USART3_CTS,
QUADSPI_BK1_IO0,
FSMC_A16,
EVENTOUT
-
-
-
-
59
J10
L10
81
PD12
I/O
FT
-
TIM4_CH1,
I2CFMP1_SCL,
USART3_RTS,
QUADSPI_BK1_IO1,
FSMC_A17,
EVENTOUT
-
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com