Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2.5 SATA HDD Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # 2.5 SATA HDD
Description  Fanless Embedded System with Intel® Celeron® N3350 or Pentium® N4200, 2 HDMI, 2 GbE LAN, and 6 USB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

2.5 SATA HDD Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  2.5 SATA HDD Datasheet HTML 1Page - Axiomtek Co., Ltd. 2.5 SATA HDD Datasheet HTML 2Page - Axiomtek Co., Ltd. 2.5 SATA HDD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
* All specifications and photos are subject to change without notice.
Embedded Systems
1
Specifications
Operating Temperature -5°C to +60°C (+23°F to +140°F) (with W.T. DRAM & SSD)
Storage Temperature
-20°C to +85°C (-4°F to +185°F)
Humidity
10% to 90%, non-condensing
Vibration Endurance
3 Grms with SSD (5 to 500 Hz, X, Y, Z directions)
Dimensions
216 mm (8.5") x 137.65 mm (5.41") x 38 mm (1.49")
Weight (net/gross)
1.15 kg (2.53 lb)/1.5 kg (3.3 lb)
Certifications
CE, FCC Class A, UKCA
EOS Support
Win 10 IoT, Linux
Ordering Information
Standard
eBOX100-312-FL-
DC-N3350
(P/N: E36K100110)
Fanless embedded system with Intel® Celeron® N3350 2.4 GHz, 2 HDMI, 2 GbE LAN, and 6 USB (without adapter and power cord)
eBOX100-312-FL-
DC-N4200
(P/N: E36K100111)
Fanless embedded system with Intel® Pentium® N4200 2.5 GHz, 2 HDMI, 2 GbE LAN, and 6 USB (without adapter and power cord)
Optional
2.5" SATA HDD
2.5" SATA SSD
DDR3L SO-DIMM
E29R129100
E29R129110
E29R129120
50956A24030E
64GB or above
100GB or above
2GB to 8GB
Wall mount kit
VESA mount kit
DIN-rail kit
Wi-Fi/LTE module
12V 36W power adapter
Power cord
*Specifications and certifications may vary depending on specific requirements.
Packing List
1 x Screw pack
4 x Pre-installed foot pad
1 x HDD rubber
1 x Remote power switch cable
Power Protection
AC Version
OVP (over voltage protection)
OCP (over current protection)
SCP (short circuit protection)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com