Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2.5 SATA HDD Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # 2.5 SATA HDD
Description  Fanless Embedded System with Intel® Alder Lake-N Processor, 2 LAN/4 LAN, HDMI, DisplayPort, 2 COM, 4 USB, and 9 to 36 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

2.5 SATA HDD Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  2.5 SATA HDD Datasheet HTML 1Page - Axiomtek Co., Ltd. 2.5 SATA HDD Datasheet HTML 2Page - Axiomtek Co., Ltd. 2.5 SATA HDD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
System I/O Outlet
Top side
2 x RS-232/422/485 with autoflow
2 x antenna opening
Front side
2 x 2.5GbE LAN or 4 x 2.5GbE LAN (Intel® I226-V)*
● Two 2.5GbE version: Supports 1 PCIe Mini Card and 1 M.2 Key E.
● Four 2.5GbE version: Supports only 1 PCIe Mini Card.
2 x USB 3.2 Gen1
2 x USB 2.0
1 x HDMI (FHD)
1 x DisplayPort++ 1.4a
1 x reset switch
1 x power button
1 x phoenix type VDC power input connector
1 x remote switch connector
1 x chassis grounding
Watchdog Timer
255 levels, 1 to 255 sec.
Storage
1 x 2.5" SATA HDD/SSD (up to 15 mm height)
Expansion Interface
1 x full-size PCI Express Mini Card slot (USB 2.0 + PCIe + SIM signal)
1 x M.2 Key E 2230 socket for Wi-Fi 6E (USB 2.0 + PCIe signal), supporting two 2.5GbE version only
1 x internal SIM slot for PCIe Mini Card slot
TPM
TPM 2.0
System Indicator
1 x Green LED for system power
1 x Orange LED for HDD active
4 x Programmable Green LED
Power Input
9 to 36 VDC with ignition
Inrush current: 1.39 to 6.67 A
Operating Temperature -40°C to +60°C (-40°F to +140°F) (with W.T. DRAM & SSD)
Relative Humidity
10% to 90% relative humidity, non-condensing
Shock Vibration
IEC 60068-2-27 (with SSD: 50G, half-sine, 11 ms duration)
Vibration Endurance
IEC 60068-2-64 (with SSD: 3Grms STD, random, 5 to 500 Hz, 1 hr/axis)
Dimensions (W x D x H) 155 x 110 x 60 mm (6.1" x 4.33" x 2.36")
Weight (net/gross)
1.1 kg (2.4 lb)/1.5 kg (3.3 lb)
Certifications
CE, FCC Class A, and UKCA
EOS Support
Win 10 (20H2/21H1/21H2), Win 11 IoT, and Linux
* W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
Ordering Information
Standard
eBOX100A-N97-2E
(P/N: E36K100A00)
Fanless embedded system with Intel® processor N97 quad-core SoC (Alder Lake-N), 2 LAN, HDMI, DisplayPort++, 2 COM, 4 USB,
and 9 to 36 VDC
eBOX100A-N97-4E
(P/N: E36K100A01)
Fanless embedded system with Intel® processor N97 quad-core SoC (Alder Lake-N), 4 LAN, HDMI, DisplayPort++, 2 COM, 4 USB,
and 9 to 36 VDC
eBOX100A-N305-2E
(P/N: E36K100A02)
Fanless embedded system with Intel® i3-N305 SoC, 2 LAN, HDMI, DisplayPort++, 2 COM, 4 USB, and 9 to 36V
* Specifications and certifications may vary based on different requirements.
Optional
2.5" SATA HDD
80GB or above
2.5" SATA SSD
100GB or above
DDR5 SO-DIMM
8GB to 32GB
E29R129102
Wall mount kit
E29R129133
DIN-rail kit
E29R129134
VESA mount kit
509000004800
12V 96W power adapter
Wi-Fi/LTE module
www.axiomtek.com
Embedded Systems



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com