Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS906C2 Datasheet(PDF) 1 Page - Fuji Electric

Part # MS906C2
Description  LOW LOSS SUPER HIGH SPEED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MS906C2 Datasheet(HTML) 1 Page - Fuji Electric

  MS906C2 Datasheet HTML 1Page - Fuji Electric MS906C2 Datasheet HTML 2Page - Fuji Electric MS906C2 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS906C2
(200V / 20A )
Features
Surface-mount device
Low VF
Super high speed switching
High reliability by planer design
Applications
High speed power switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
IO
IFSM
Tj
Tstg
Conditions
Sine wave 10ms ,
1shot
80
-40 to +150
-40 to +150
Unit
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Thermal resistance
Symbol
VFM
IRRM
t rr
Rth(j-c)
Conditions
IFM=10A
VR=VRRM
IF=0.1A, IR=0.2A
Junction to case
Max.
0.95
200
35
2.0
Unit
V
µA
ns
°C/W
duty=1/2, Tc=105°C
Square wave
Rating
200
20 *
LOW LOSS SUPER HIGH SPEED RECTIFIER
Outline drawings, mm
Connection diagram
JEDEC
EIAJ
1
3
2
4
*Output current of centertap full wave connectior
(4.0)
(3.2)
Solder
Plating
3.6±0.2
1.0±0.2
1.0±0.2
9.0±0.2
7.0±0.2
2.0
2.0 2.5
1.5
3
1
2
4
(0.8)


Similar Part No. - MS906C2

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MS906C3 FUJI-MS906C3 Datasheet
58Kb / 3P
Low loss fast recovery diode
More results

Similar Description - MS906C2

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERB93-02 FUJI-ERB93-02 Datasheet
51Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
LOW LOSS SUPER HIGH SPEED RECTIFIER
KS926S2 FUJI-KS926S2 Datasheet
70Kb / 4P
LOW LOSS SUPER HIGH SPEED RECTIFIER
SC902-2 FUJI-SC902-2 Datasheet
636Kb / 2P
LOW LOSS SUPER HIGH SPEED RECTIFIER
TP901C2 FUJI-TP901C2 Datasheet
91Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C2 FUJI-TP902C2 Datasheet
88Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
YG906C2 FUJI-YG906C2 Datasheet
71Kb / 4P
LOW LOSS SUPER HIGH SPEED RECTIFIER
TS967C6R FUJI-TS967C6R Datasheet
65Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90-02 FUJI-ERC90-02 Datasheet
68Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com