Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKP2F003301D00ESSD Datasheet(PDF) 1 Page - WIMA GmbH & Co. KG, Mannheim.

Part # FKP2F003301D00ESSD
Description  Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.

FKP2F003301D00ESSD Datasheet(HTML) 1 Page - WIMA GmbH & Co. KG, Mannheim.

  FKP2F003301D00ESSD Datasheet HTML 1Page - WIMA GmbH & Co. KG, Mannheim. FKP2F003301D00ESSD Datasheet HTML 2Page - WIMA GmbH & Co. KG, Mannheim. FKP2F003301D00ESSD Datasheet HTML 3Page - WIMA GmbH & Co. KG, Mannheim. FKP2F003301D00ESSD Datasheet HTML 4Page - WIMA GmbH & Co. KG, Mannheim. FKP2F003301D00ESSD Datasheet HTML 5Page - WIMA GmbH & Co. KG, Mannheim. FKP2F003301D00ESSD Datasheet HTML 6Page - WIMA GmbH & Co. KG, Mannheim. FKP2F003301D00ESSD Datasheet HTML 7Page - WIMA GmbH & Co. KG, Mannheim. FKP2F003301D00ESSD Datasheet HTML 8Page - WIMA GmbH & Co. KG, Mannheim.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WIMA FKP 2
Polypropylene (PP) Film and Foil
Capacitors for Pulse Applications
in PCM 5 mm
Special Features
■ Pulse duty construction
■ Close tolerances up to ±2.5 %
(±1 % on request)
■ Very low dissipation factor
■ Negative capacitance change
versus temperature
■ Very low dielectric absorption
■ According to RoHS 2002/95/EC
Typical Applications
For high frequency applications e.g.
■ Sample and hold
■ Timing
■ LC-Filtering
■ Oscillating circuits
■ Audio equipment
Construction
Dielectric:
Polypropylene (PP) film
Capacitor electrodes:
Metal foil
Encapsulation:
Solvent-resistant, flame-retardant plastic
case with epoxy resin seal, UL 94 V-0
Terminations:
Tinned wire.
Marking:
Colour: Red. Marking: Black.
Epoxy resin seal: Yellow
Electrical Data
Capacitance range:
33 pF to 0.033 pF (E12-values on request)
Rated voltages:
63 VDC, 100 VDC, 250 VDC, 400 VDC,
630 VDC, 800 VDC, 1000 VDC
Capacitance tolerances:
±10%, ±5%, ±2.5% (±2%, ±1.5% or ±1%
available as precision capacitors subject
to special enquiry)
Operating temperature range:
-55° C to +100° C
Test specifications:
In accordance with I EC 60384-13
and EN 131800
Climatic test category:
55/100/56 in accordance with IEC
Insulation resistance at +20° C:
>5x 105MQ
(mean value: 1 x 106MQ)
Measuring voltage:
Test voltage: 2 U
r, 2 sec.
Maximum pulse rise time:
1000 V/psec for pulses equal to the
rated voltage
Dielectric absorption:
0.05%
Temperature coefficient:
-200 x 10-6/° C (typical)
Voltage derating:
A voltage derating factor of 1.35 % per K
must be applied from +85° C for DC
voltages and from +75° C for AC
voltages
Reliability:
Operational life > 300000 hours
Failure rate < 5 fit (0.5 x U
r and 40° C)
U
r= 63V:Utest= 50 V/1 min.
U
r> 100 V: Utest= 100 V/1 min.
Dissipation factors at +20° C: tan 6
atf
C < 1000 pF
1000 pF < C < 4700 pF
C > 4700 pF
1 kHz
< 3x 10-4
<4x IO-4
<4x IO-4
10 kHz
< 3x 10-4
<4x IO-4
<4x IO'4
100 kHz
< 4x 10-4
< 5x IO-4
-
1 MHz
< 10 x 10-4
-
-
Mechanical Tests
Pull test on leads:
10 N in direction of leads according to
IEC 60068-2-21
Vibration:
6 hours at 10...2000 Hz and 0.75 mm
displacement amplitude or 10 g in
accordance with IEC 60068-2-6
Low air density:
1 kPa = 10 mbar in accordance with
IEC 60068-2-13
Bump test:
4000 bumps at 390 m/sec2 in
accordance with IEC 60068-2-29
Packing
Available taped and reeled.
Detailed taping information and graphs
at the end of the catalogue.
For further details and graphs please
refer to Technical Information.
30


Similar Part No. - FKP2F003301D00ESSD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKP202 SANKEN-FKP202 Datasheet
306Kb / 9P
N-Channel MOS FET
FKP202 SANKEN-FKP202 Datasheet
312Kb / 9P
N-Channel MOS FET
logo
Inchange Semiconductor ...
FKP202 ISC-FKP202 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
Sanken electric
FKP250A SANKEN-FKP250A Datasheet
309Kb / 9P
N-Channel MOS FET
FKP250A SANKEN-FKP250A Datasheet
314Kb / 9P
N-Channel MOS FET
More results

Similar Description - FKP2F003301D00ESSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE448 ETC-PHE448 Datasheet
55Kb / 2P
Pulse capacitor, polypropylene film/foil
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
Polypropylene film foil capacitors
logo
Vishay Siliconix
KP374 VISHAY-KP374 Datasheet
121Kb / 8P
AC and Pulse Polypropylene Film Foil Capacitors KP Radial Epoxy Lacquered Type
26-Jul-06
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
Polyester and Polypropylene Film/Foil Capacitors
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
Polypropylene film foil capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Vishay Siliconix
KP1830233061 VISHAY-KP1830233061 Datasheet
99Kb / 10P
AC and Pulse Film Foil Capacitors
16-Jan-09
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
Kemet Corporation
PHE448 KEMET-PHE448 Datasheet
130Kb / 2P
Pulse capacitor, polypropylene film/foil
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com