Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKP2F004701D00ESSD Datasheet(PDF) 4 Page - WIMA GmbH & Co. KG, Mannheim.

Part # FKP2F004701D00ESSD
Description  Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.

FKP2F004701D00ESSD Datasheet(HTML) 4 Page - WIMA GmbH & Co. KG, Mannheim.

  FKP2F004701D00ESSD Datasheet HTML 1Page - WIMA GmbH & Co. KG, Mannheim. FKP2F004701D00ESSD Datasheet HTML 2Page - WIMA GmbH & Co. KG, Mannheim. FKP2F004701D00ESSD Datasheet HTML 3Page - WIMA GmbH & Co. KG, Mannheim. FKP2F004701D00ESSD Datasheet HTML 4Page - WIMA GmbH & Co. KG, Mannheim. FKP2F004701D00ESSD Datasheet HTML 5Page - WIMA GmbH & Co. KG, Mannheim. FKP2F004701D00ESSD Datasheet HTML 6Page - WIMA GmbH & Co. KG, Mannheim. FKP2F004701D00ESSD Datasheet HTML 7Page - WIMA GmbH & Co. KG, Mannheim. FKP2F004701D00ESSD Datasheet HTML 8Page - WIMA GmbH & Co. KG, Mannheim.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
14
D
Recommendation for Processing
and Application of
Through-Hole Capacitors
Soldering Process
A preheating of through-hole WIMA
capacitors is allowed for temperatures
Tmax  100 ° C.
In practice a preheating duration of
t  5 min. has been proven to be best.
Single wave soldering
Soldering bath temperature: T  260 ° C
Immersion time:
t  5 sec
Double wave soldering
Soldering bath temperature: T  260 ° C
Immersion time:
2 x t  3 sec
Due to different soldering processes and
heat requirements the graphs are to be
regarded as a recommendation only.
2 s
3 s
30
60
90
120
150
180
210
240 sec]
[
t
T
260
240
220
200
180
160
140
120
100
80
60
40
20
[°C]
10 s
see detail-
enlargement
Wave soldering
Typical temperature/time graph for double wave soldering
WIMA Quality and Environmental Philosophy
ISO 9001:2000 Certification
ISO 9001:2000 is an international basic
standard of quality assurance systems for
all branches of industry. The approval
according to ISO 9001:2000 of our
factories by the VDE inspectorate certifies
that organisation, equipment and moni-
toring of quality assurance in our factories
correspond to internationally recognized
standards.
WIMA WPCS
The WIMA Process Control System (WPCS)
is a quality surveillance and optimization
system developed by WIMA. WPCS is a
major part of the quality-oriented WIMA
production. Points of application of WPCS
during production process:
” incoming material inspection
” metallization
” film inspection
” schoopage
” pre-healing
” lead attachment
” cast resin preparation/
encapsulation
” 100% final inspection
” AQL check
WIMA Environmental Policy
All WIMA capacitors, irrespective of
whether through-hole devices or SMD,
are made of environmentally friendly
materials. Neither during manufacture
nor in the product itself any toxic
substances are used, e.g.
– Lead
– PBB/PBDE
– PCB
– Arsenic
– CFC
– Cadmium
– Hydrocarbon chloride
– Mercury
– Chromium 6+
– etc.
We merely use pure, recyclable materials
for packing our components, such as:
” carton
” cardboard
” adhesive tape made of paper
” polystyrene
We almost completely refrain from using
packing materials such as:
” foamed polystyrene (Styropor®)
” adhesive tapes made of plastic
” metal clips
RoHS Compliance
According to the RoHS Directive 2002/95/EC
certain hazardous substances like e.g. lead,
cadmium, mercury must not be used any
longer in electronic equipment as of July 1st,
2006. For the sake of the environment WIMA
has refraind from using such substances since
years already.
Tape for lead-free WIMA capacitors
DIN EN ISO 14001:2005
WIMA’s environmental management has
been established in accordance with the
guidelines of DIN EN ISO 14001:2005.
The certification has been granted in
June 2006.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com