Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKP2O100331D00ESSD Datasheet(PDF) 3 Page - WIMA GmbH & Co. KG, Mannheim.

Part # FKP2O100331D00ESSD
Description  Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.

FKP2O100331D00ESSD Datasheet(HTML) 3 Page - WIMA GmbH & Co. KG, Mannheim.

  FKP2O100331D00ESSD Datasheet HTML 1Page - WIMA GmbH & Co. KG, Mannheim. FKP2O100331D00ESSD Datasheet HTML 2Page - WIMA GmbH & Co. KG, Mannheim. FKP2O100331D00ESSD Datasheet HTML 3Page - WIMA GmbH & Co. KG, Mannheim. FKP2O100331D00ESSD Datasheet HTML 4Page - WIMA GmbH & Co. KG, Mannheim. FKP2O100331D00ESSD Datasheet HTML 5Page - WIMA GmbH & Co. KG, Mannheim. FKP2O100331D00ESSD Datasheet HTML 6Page - WIMA GmbH & Co. KG, Mannheim. FKP2O100331D00ESSD Datasheet HTML 7Page - WIMA GmbH & Co. KG, Mannheim. FKP2O100331D00ESSD Datasheet HTML 8Page - WIMA GmbH & Co. KG, Mannheim.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
32
WIMA FKP 4
Continuation
General Data
D
Capacitance
630 VDC/250 VAC*
800 VDC/250 VAC*
W
H
L
PCM**
Part number
W
H
L
PCM**
Part number
100 pF
4.5
6
7.2
5
FKP2J001001D00_ _ _ _
4.5
6
7.2
5
FKP2L001001D00_ _ _ _
150 „
4.5
6
7.2
5
FKP2J001501D00_ _ _ _
4.5
6
7.2
5
FKP2L001501D00_ _ _ _
220 „
4.5
6
7.2
5
FKP2J002201D00_ _ _ _
4.5
6
7.2
5
FKP2L002201D00_ _ _ _
330 „
4.5
6
7.2
5
FKP2J003301D00_ _ _ _
4.5
6
7.2
5
FKP2L003301D00_ _ _ _
470 „
4.5
6
7.2
5
FKP2J004701D00_ _ _ _
5.5
7
7.2
5
FKP2L004701G00_ _ _ _
680 „
4.5
6
7.2
5
FKP2J006801D00_ _ _ _
5.5
7
7.2
5
FKP2L006801G00_ _ _ _
1000 pF
4.5
6
7.2
5
FKP2J011001D00_ _ _ _
5.5
7
7.2
5
FKP2L011001G00_ _ _ _
1500 „
4.5
6
7.2
5
FKP2J011501D00_ _ _ _
5.5
7
7.2
5
FKP2L011501G00_ _ _ _
2200 „
5.5
7
7.2
5
FKP2J012201G00_ _ _ _
6.5
8
7.2
5
FKP2L012201I00_ _ _ _
3300 „
6.5
8
7.2
5
FKP2J013301I00_ _ _ _
7.2
8.5
7.2
5
FKP2L013301J00_ _ _ _
4700 „
6.5
8
7.2
5
FKP2J014701I00_ _ _ _
8.5
10
7.2
5
FKP2L014701L00_ _ _ _
6800 „
7.2
8.5
7.2
5
FKP2J016801J00_ _ _ _
0.01 mF
8.5
10
7.2
5
FKP2J021001L00_ _ _ _
Capacitance
1000 VDC/250 VAC*
W
H
L
PCM**
Part number
33 pF
4.5
6
7.2
5
FKP2O100331D00_ _ _ _
47 „
4.5
6
7.2
5
FKP2O100471D00_ _ _ _
68 „
4.5
6
7.2
5
FKP2O100681D00_ _ _ _
100 pF
4.5
6
7.2
5
FKP2O101001D00_ _ _ _
150 „
4.5
6
7.2
5
FKP2O101501D00_ _ _ _
220 „
4.5
6
7.2
5
FKP2O102201D00_ _ _ _
330 „
4.5
6
7.2
5
FKP2O103301D00_ _ _ _
470 „
5.5
7
7.2
5
FKP2O104701G00_ _ _ _
680 „
5.5
7
7.2
5
FKP2O106801G00_ _ _ _
1000 pF
6.5
8
7.2
5
FKP2O111001I00_ _ _ _
1500 „
7.2
8.5
7.2
5
FKP2O111501J00_ _ _ _
2200 „
8.5
10
7.2
5
FKP2O112201L00_ _ _ _
* AC voltage: f  1000 Hz; 1.4 x Urms + UDC  Ur
** PCM = Printed circuit module = lead spacing.
Rights reserved to amend design data without prior notification.
Permissible AC voltage
in relation to frequency
at 10) C internal temperature rise
(general guide).
WIMA FKP 2
630 VDC
800 VDC
1000 VDC
f
Hz
10
2
5 10
2
5 10
2
5 10
4
5
6
7
5
2
10
5
2
10
250
2
1
U
V
rms
470
pF
220
pF
2200
pF
4700
pF
1000
pF
0.01
µF
100
pF
33
pF
47
pF
Part number completion:
Tolerance:
10 % = K
5 % = J
2.5 % = H
2 % = G
1.5 % = F
1 % = E
Packing:
bulk = S
Lead length: 6-2 = SD
Taped version see page 127.
E12 values and individual values available
from 27 pF up on request.
Dims. in mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com