Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3230BC2B Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZSSC3230BC2B
Description  Sensor Signal Conditioner IC for Capacitive Sensors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3230BC2B Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZSSC3230BC2B Datasheet HTML 27Page - Renesas Technology Corp ZSSC3230BC2B Datasheet HTML 28Page - Renesas Technology Corp ZSSC3230BC2B Datasheet HTML 29Page - Renesas Technology Corp ZSSC3230BC2B Datasheet HTML 30Page - Renesas Technology Corp ZSSC3230BC2B Datasheet HTML 31Page - Renesas Technology Corp ZSSC3230BC2B Datasheet HTML 32Page - Renesas Technology Corp ZSSC3230BC2B Datasheet HTML 33Page - Renesas Technology Corp ZSSC3230BC2B Datasheet HTML 34Page - Renesas Technology Corp ZSSC3230BC2B Datasheet HTML 35Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
ZSSC3230 Datasheet
R36DS0062ED0100 1.4
Jun 10, 2025
Page 32
© 2025 Renesas Electronics
NVM
Address
Word / Bi
t Range
Default
Setting
Word/ Bit Field
Name
Description
Configuration Register
19HEX
1:0
00BIN
CC_pin_selection
Defines which pin is used
for measurement (CC and/or CC’):
00  no input
01  CC
10 
CC’
11 
CC and CC’
2
0BIN
Dither
Enable/disable digital dithering to improve EMI performance:
0  No dithering
1  Dithering enabled
3
0BIN
En_sh2
Enable Subtraction Mode in grounded mode (see section 6.2.5):
0  Disabled
1  Enabled
4
0BIN
En_shlddrv
Enable active shield drive at the C0 pin (see section 6.2.4):
0  Disabled
1  Enabled
5
0BIN
Dyn_imp
Enables higher drive current in analog front end, which will be needed if the
sensor range is much smaller than the shift capacitor:
0  Disabled
1  Enabled
6
0BIN
Test_cap
Enables an internal reference sensor capacitor of approx. 2pF in parallel to
sensor input:
0  Disabled
1  Enabled
15:7
Reserved
Renesas lot tracking information; can be overwritten and used as free space
for customer use.
1AHEX
15:0
0000HEX
Reserved
Renesas lot tracking information; can be overwritten and used as free space
for customer use.
1BHEX
15:0
0000HEX
Reserved
Renesas lot tracking information; can be overwritten and used as free space
for customer use.
1CHEX
15:0
0000HEX
CRC
Generated checksum (CRC) for whole memory through a linear feedback shift
register (LFSR); Signature is checked upon power-up to ensure memory
content integrity
The NVM-consistency checksum is calculated (IC-internally for the whole NVM) using the polynomial: x16 + x15 + x2 + 1. The
checksum verification is only realized directly after VDD power-
on. If the checksum is successfully verified, then the “Memory
Error” status bit is set to 0BIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com