Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3281BC5B Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # ZSSC3281BC5B
Description  Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3281BC5B Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button ZSSC3281BC5B Datasheet HTML 78Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 79Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 80Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 81Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 82Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 83Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 84Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 85Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 107 page
background image
ZSSC3281 Datasheet
Rev. 1.3 FW Ver. 1.4.0
Mar.13.24 R33DS0020ED0100
Page 82
© 2024 Renesas Electronics
Address:
0x17
0x19
0x1B
Register Name:
ExtTemp1Cfg1
– T1 Sensor setting
ExtTemp2Cfg1
– T2 Sensor setting
ExtTemp3Cfg1
– T3 Sensor setting
Default:
0x0011C5F1
0x00118502
0x00118502
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
23:20
ExtTempBrdgRth
0x1
Rth resistor, applicable depending on ExtTempType setting
0x0:
Open
0x1:
1333 ohms
0x2:
2000 ohms
0x3:
4000 ohms
0x4:
8000 ohms
0x5:
10000 ohms
0x6:
14000 ohms
0x7:
18000 ohms
0x8:
20000 ohms
0x9:
24000 ohms
0xA:
28000 ohms
0xB:
40000 ohms
27:24
ExtTempBrdgRtl
0x0
Rtl resistor, applicable depending on ExtTempType setting
0x0:
Open
0x1:
1333 ohms
0x2:
2000 ohms
0x3:
4000 ohms
0x4:
8000 ohms
0x5:
10000 ohms
0x6:
14000 ohms
0x7:
18000 ohms
0x8:
20000 ohms
0x9:
24000 ohms
0xA:
28000 ohms
0xB:
40000 ohms
Address:
0x18
0x1A
0x1C
Register Name:
ExtTemp1Cfg2
– T1 Sensor setting
ExtTemp2Cfg2
– T2 Sensor setting
ExtTemp3Cfg2
– T3 Sensor setting
Default:
0x00000210
0x00000010
0x00000010
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
4:0
ExtTempPgaOffset
0x10
PGA Offset Shift
0x1:
-1.9 mV
0x2:
-3.8 mV
0x3:
-5.6 mV
0x4:
-7.5 mV
0x5:
-9.4 mV
0x6:
-11.3 mV
0x7:
-13.1 mV
0x8:
-15.0 mV
0x9:
-16.9 mV
0xA:
-18.8 mV
0xB:
-20.6 mV
0xC:
-22.5 mV
0xD:
-24.4 mV
0xE:
-26.2 mV
0xF:
-28.1 mV
0x10:
0mV
0x11:
1.9 mV
0x12:
3.8 mV
0x13:
5.6 mV
0x14:
7.5 mV
0x15:
9.4 mV
0x16:
11.3 mV
0x17:
13.1 mV
0x18:
15.0 mV
0x19:
16.9 mV
0x1A:
18.8 mV
0x1B:
20.6 mV
0x1C:
22.5 mV
0x1D:
24.4 mV
0x1E:
26.2 mV
0x1F:
28.1 mV
8:5
ExtTempBrdgIBias
0x0
External Temp Sensor Supply Current, applicable depending on ExtTempType
setting
0x0:
Open/Off;
0x1:
5 uA
0x2:
10 uA
0x3:
20 uA
0x4:
40 uA
0x5:
80 uA
0x6:
100 uA
0x7:
160 uA
0x8:
200 uA
0x9:
500 uA
0xA:
-20 uA
0xB:
-100 uA
9
ExtTempAdcEnShift
0x1 @ 0x18
0x0 @ 0x1A
0x0 @ 0x1C
ADC Shift & Gain ×2 Enable, activates ExtTempAdcShift setting
0x0:
ADC Gain ×1, ADC Shift disabled
0x1:
ADC Gain ×2, ADC Shift enabled
11:10
ExtTempBias
0x0
AFE Bias current Setting
0x0:
normal operation
0x3:
reduced AFE bias current
13:12
ExtTempSetTime
0x0
Tx Input Settling Time before ADC conversion starts
0x0:
20 us
0x2:
60 us
0x1:
40 us
0x3:
80 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com