Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3281BC6B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3281BC6B
Description  Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3281BC6B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3281BC6B Datasheet HTML 17Page - Renesas Technology Corp ZSSC3281BC6B Datasheet HTML 18Page - Renesas Technology Corp ZSSC3281BC6B Datasheet HTML 19Page - Renesas Technology Corp ZSSC3281BC6B Datasheet HTML 20Page - Renesas Technology Corp ZSSC3281BC6B Datasheet HTML 21Page - Renesas Technology Corp ZSSC3281BC6B Datasheet HTML 22Page - Renesas Technology Corp ZSSC3281BC6B Datasheet HTML 23Page - Renesas Technology Corp ZSSC3281BC6B Datasheet HTML 24Page - Renesas Technology Corp ZSSC3281BC6B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
ZSSC3281 Datasheet
Rev. 1.3 FW Ver. 1.4.0
Mar.13.24 R33DS0020ED0100
Page 21
© 2024 Renesas Electronics
4.2
Bridge Sensor Inputs
4.2.1.
Resistive Bridge Sensors
Table 3: Resistive Bridge Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rbr
Bridge resistor
Constant Voltage Mode
0.825
60
kΩ
Constant Current Mode
0.1
Cbr
Bridge capacitance, depends on
the required resolution: τ = R
br × Cbr
defines the settle time.
Filter capacitances Cbr between
INNx/INPx and VSS
1
nF
Vsig
Signal span
mV/V is related to the bridge
supply
500
mV/V
Voff
Signal offset
For example, Vsig = 1mV -->
Voff = 20mV
2000
20
% off Vsig
1/ Vsig
Table 4: Resistive Bridge Application Configurations
Type #
Application Case
AFE1
AFE2
Comment
1
One resistive sensor
Resistive sensor 1
-
2
Two resistive sensors
Resistive sensor 1
Resistive sensor 2
Not available with 2-wire current loop
operation
3
One resistive sensor at both
inputs
Resistive sensor 1
(normal speed)
Resistive sensor 1
(low speed)
Not available with 2-wire current loop
operation
TOP1/2
INP1/2
INN1/2
BOT1/2
Rbr
Cbr
Cbr
VSS
Figure 6: Bridge Sensor Type 1
TOP1
INP1
INN1
BOT1
TOP2
INP2
INN2
BOT2
Rbr
Rbr
Cbr
Cbr
VSS
Cbr
Cbr
Figure 7: Bridge Sensor Type 2
TOP1
INP1
INN1
BOT1
TOP2
INP2
INN2
BOT2
Rbr
Cbr
VSS
VSS
Cbr
Figure 8: Bridge Sensor Type 3
The resistive bridge can be sourced in either Constant Voltage mode (V-source) or in Constant Current mode (I-
source), requires low resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com