Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAXUSB00 Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  1/8 DIN ANALOG INPUT PANEL METERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  PAXUSB00 Datasheet HTML 1Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 2Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 3Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 4Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 5Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 6Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 7Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 8Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
mOdel paXd - Universal dC inpUT
mOdel paXp - prOCess inpUT
* After 20 minute warm-up. Accuracy is specified in two ways:
Accuracy over an 18 to 28°C and 10 to 75% RH environment; and
accuracy over a 0 to 50°C and 0 to 85% RH (non-condensing
environment). Accuracy over the 0 to 50°C range includes the
temperature coefficient effect of the meter.
EXCITATION POWER:
Transmitter Power: 24 VDC, ±5%, regulated, 50 mA max.
Reference Voltage: 2 VDC, ± 2%
Compliance: 1 kohm load min. (2 mA max.)
Temperature coefficient: 40 ppm/°C max.
Reference Current: 1.75 mADC, ± 2%
Compliance: 10 kohm load max.
Temperature coefficient: 40 ppm/°C max.
FOUR VOLTAGE RANGES (300 VDC Max)
FIVE CURRENT RANGES (2A DC Max)
THREE RESISTANCE RANGES (10K Ohm Max)
SELECTABLE 24 V, 2 V, 1.75 mA EXCITATION
DUAL RANGE INPUT (20 mA or 10 VDC)
24 VDC TRANSMITTER POWER
PAXD SPECIFICATIONS
INPUT RANGES:
PAXP SPECIFICATIONS
SENSOR INPUTS:
INPUT
RANGE
ACCURACY*
(18 to 28°C)
ACCURACY*
(0 to 50°C)
IMPEDANCE/
COMPLIANCE
MAX
CONTINUOUS
OVERLOAD
RESOLUTION
±
200 mVDC 0.03% of reading
+30 µV
0.12% of reading
+40 µV
1.066 Mohm
100 V
10 µV
±
2 VDC
0.03% of reading
+0.3 mV
0.12% of reading
+0.4 mV
1.066 Mohm
300 V
0.1 mV
±
20 VDC
0.03% of reading
+3 mV
0.12% of reading
+4 mV
1.066 Mohm
300 V
1 mV
±
300 VDC 0.05% of reading
+30 mV
0.15% of reading
+40 mV
1.066 Mohm
300 V
10 mV
±
200 µADC 0.03% of reading
+0.03 µA
0.12% of reading
+0.04µA
1.11 Kohm
15 mA
10 nA
±
2 mADC 0.03% of reading
+0.3 µA
0.12% of reading
+0.4 µA
111 ohm
50 mA
0.1 µA
±
20 mADC 0.03% of reading
+3µA
0.12% of reading
+4 µA
11.1 ohm
150 mA
1 µA
±
200 mADC 0.05% of reading
+30 µA
0.15% of reading
+40 µA
1.1 ohm
500 mA
10 µA
±
2 ADC
0.5% of reading
+0.3 mA
0.7% of reading
+0.4 mA
0.1 ohm
3 A
0.1 mA
100 ohm
0.05% of reading
+0.03 ohm
0.2% of reading
+0.04 ohm
0.175 V
30 V
0.01 ohm
1000 ohm 0.05% of reading
+0.3 ohm
0.2% of reading
+0.4 ohm
1.75 V
30 V
0.1 ohm
10 Kohm
0.05% of reading
+1 ohm
0.2% of reading
+1.5 ohm
17.5 V
30 V
1 ohm
* After 20 minute warm-up. Accuracy is specified in two ways: Accuracy over an 18
to 28°C and 10 to 75% RH environment; and accuracy over a 0 to 50°C and 0 to
85%RH (non-condensing environment). Accuracy over the 0 to 50°C range
includes the temperature coefficient effect of the meter.
EXCITATION POWER:
Transmitter Power: 24 VDC, ±5%, regulated, 50 mA max.
INPUT
(RANGE)
ACCURACY*
(18 to 28°C)
ACCURACY*
(0 to 50°C)
IMPEDANCE/
COMPLIANCE
MAX
CONTINUOUS
OVERLOAD
DISPLAY
RESOLUTION
20 mA
(-2 to 26 mA)
0.03% of
reading +2 µA
0.12% of
reading +3 µA
20 ohm
150 mA
1 µA
10 VDC
(-1 to 13 VDC)
0.03% of
reading +2 mV
0.12% of
reading +3 mV 500 Kohm
300 V
1 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com