Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA8574N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA8574N
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8574N Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA8574N Datasheet HTML 1Page - NXP Semiconductors PCA8574N Datasheet HTML 2Page - NXP Semiconductors PCA8574N Datasheet HTML 3Page - NXP Semiconductors PCA8574N Datasheet HTML 4Page - NXP Semiconductors PCA8574N Datasheet HTML 5Page - NXP Semiconductors PCA8574N Datasheet HTML 6Page - NXP Semiconductors PCA8574N Datasheet HTML 7Page - NXP Semiconductors PCA8574N Datasheet HTML 8Page - NXP Semiconductors PCA8574N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PCA8574_PCA8574A_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 14 May 2007
2 of 27
NXP Semiconductors
PCA8574/74A
Remote 8-bit I/O expander for I2C-bus with interrupt
I Cellular telephones
I Gaming machines
I Instrumentation and test measurement
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA8574D
PCA8574D
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
PCA8574AD
PCA8574AD
PCA8574N
PCA8574N
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
PCA8574AN
PCA8574AN
PCA8574PW
PCA8574
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA8574APW
PA8574A
PCA8574TS
PCA8574
SSOP20
plastic shrink small outline package; 20 leads;
body width 4.4 mm
SOT266-1
PCA8574ATS
PCA8574A
Fig 1.
Block diagram of PCA8574/74A
002aac677
INT
I2C-BUS
CONTROL
INTERRUPT
LOGIC
PCA8574
PCA8574A
LP FILTER
AD0
AD1
AD2
INPUT
FILTER
SHIFT
REGISTER
SDA
SCL
8 BITS
write pulse
read pulse
POWER-ON
RESET
VDD
VSS
I/O
PORT
P0 to P7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com