Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA8574TS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA8574TS
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8574TS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA8574TS Datasheet HTML 5Page - NXP Semiconductors PCA8574TS Datasheet HTML 6Page - NXP Semiconductors PCA8574TS Datasheet HTML 7Page - NXP Semiconductors PCA8574TS Datasheet HTML 8Page - NXP Semiconductors PCA8574TS Datasheet HTML 9Page - NXP Semiconductors PCA8574TS Datasheet HTML 10Page - NXP Semiconductors PCA8574TS Datasheet HTML 11Page - NXP Semiconductors PCA8574TS Datasheet HTML 12Page - NXP Semiconductors PCA8574TS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PCA8574_PCA8574A_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 14 May 2007
9 of 27
NXP Semiconductors
PCA8574/74A
Remote 8-bit I/O expander for I2C-bus with interrupt
8.4 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the
PCA8574/74A in a reset condition until VDD has reached VPOR. At that point, the reset
condition is released and the PCA8574/74A registers and I2C-bus/SMBus state machine
will initialize to their default states. Thereafter VDD must be lowered below 0.2 V to reset
the device.
8.5 Interrupt output (INT)
The PCA8574/74A provides an open-drain interrupt (INT) which can be fed to a
corresponding input of the microcontroller (see Figure 8, Figure 9, and Figure 10). This
gives these chips a kind of master function which can initiate an action elsewhere in the
system.
An interrupt is generated by any rising or falling edge of the port inputs. After time tv(D) the
signal INT is valid.
The interrupt disappears when data on the port is changed to the original setting or data is
read from or written to the device which has generated the interrupt.
In the write mode, the interrupt may become deactivated (HIGH) on the rising edge of the
write to port pulse. On the falling edge of the write to port pulse the interrupt is definitely
deactivated (HIGH).
The interrupt is reset in the read mode on the rising edge of the read from port pulse.
During the resetting of the interrupt itself, any changes on the I/Os may not generate an
interrupt. After the interrupt is reset any change in I/Os will be detected and transmitted as
an INT.
Fig 10. Application of multiple PCA8574s with interrupt
002aac682
VDD
MICROCOMPUTER
INT
PCA8574
INT
PCA8574
INT
device 1
device 2
PCA8574
INT
device 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com