Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FI-RE31S-VF-R1300 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-RE31S-VF-R1300
Description  Connector for internal serial transmission, Standard type, 31 pos., Receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-RE31S-VF-R1300 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FI-RE31S-VF-R1300 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-RE31S-VF-R1300 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-RE31S-VF-R1300 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Finish of Contact in Terminal
Area
  
Finish of Contact in PCB
Mounting Area
Tin plating over Nickel
Shell, Material/ Finish
Stainless-steel/ Tin plating
Material of Housing
Heat resisting plastic (UL94V-0)
Locking Feature
  
PCB Mounted Height (mm)
4.65
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
500
Insulation Resistance
(megaohm min.)
100
Contact Resistance (milliohm
max.)
50
PCB Boardlock Feature
Hold-down
Applicable Contacts
  
Use with Accessories
  
Applicable Product Part
Numbers
  
Packaging Type
Embossed tape packaging
Quantity in The Standard
Packaging (pieces)
1,300
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Combination
FI-RE31CL
FI-RE31HL
Remarks
  
Notice
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
1.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com