Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FI-RE41S-VF-R1300 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-RE41S-VF-R1300
Description  Connector for internal serial transmission, Standard type, 41 pos., Receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-RE41S-VF-R1300 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FI-RE41S-VF-R1300 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FI-RE41S-VF-R1300
Features
Connector for internal serial transmission, Standard type, 41 pos., Receptacle
Part Number
FI-RE41S-VF-R1300
Status
Active
Number of Positions
41 pos.
Contact Pitch (mm)
0.5 mm
Rated Current (A)
0.8 A
Connector Type
Receptacle
Connector Style
Straight
Wire Termination Style
-
Applicable Wire Size (AWG)
-
PCB Mounting Method
Soldering (SMT)
Applicable Wire
-
Applicable Wire Insulation
Diameter (mm)
-
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Gold plating over Nickel
Product Details


Similar Part No. - FI-RE41S-VF-R1300

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-RE41S-VF-R1300 JAE-FI-RE41S-VF-R1300 Datasheet
607Kb / 15P
Connector for Internal Serial Transmission
More results

Similar Description - FI-RE41S-VF-R1300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
SERIAL INTERFACE TRANSMISSION DECODER
Dec-1992
logo
Sony Corporation
SBX1602A SONY-SBX1602A Datasheet
1Mb / 27P
Serial Interface/Transmission Encorder
logo
Japan Aviation Electron...
FI-R JAE-FI-R Datasheet
607Kb / 15P
Connector for Internal Serial Transmission
logo
Tyco Electronics
5787834-1 MACOM-5787834-1 Datasheet
84Kb / 1P
RECEPTACLE ASSY, 4 POS. VERTICAL, THRU-HOLE, TYPE B UNIVERSAL SERIAL BUS
logo
List of Unclassifed Man...
PS-564 ETC2-PS-564 Datasheet
24Kb / 1P
END DETAILS FOR TERMINATING CABLE WITH 41 POS. S/M HIROSE CONNECTORS
logo
PHOENIX CONTACT
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
Inline terminal for serial data transmission
2863627 PHOENIX-2863627 Datasheet
470Kb / 20P
Inline terminal for serial data transmission
6878 PHOENIX-6878 Datasheet
1Mb / 28P
Inline terminal for serial data transmission
6985 PHOENIX-6985 Datasheet
470Kb / 20P
Inline terminal for serial data transmission
8235 PHOENIX-8235 Datasheet
286Kb / 22P
Inline communication terminal for serial data transmission
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com