Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FI-RE51S-VF-R1300 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-RE51S-VF-R1300
Description  Connector for internal serial transmission, Standard type, 51 pos., Receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-RE51S-VF-R1300 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FI-RE51S-VF-R1300 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-RE51S-VF-R1300 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-RE51S-VF-R1300 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Finish of Contact in Terminal
Area
  
Finish of Contact in PCB
Mounting Area
Tin plating over Nickel
Shell, Material/ Finish
Stainless-steel/ Tin plating
Material of Housing
Heat resisting plastic (UL94V-0)
Locking Feature
  
PCB Mounted Height (mm)
4.65
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
500
Insulation Resistance
(megaohm min.)
100
Contact Resistance (milliohm
max.)
50
PCB Boardlock Feature
Hold-down
Applicable Contacts
  
Use with Accessories
  
Applicable Product Part
Numbers
  
Packaging Type
Embossed tape packaging
Quantity in The Standard
Packaging (pieces)
1,300
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Combination
FI-RE51HL
JF08R0R051040UA
FI-RE51CL
JF08R0R051020UA
JF08R0R051030UA
Remarks
  



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com