Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDBC125SD1C01 Datasheet(PDF) 2 Page - Coherent Corp

Part # FDBC125SD1C01
Description  25G SFPwire® SFP Direct Attach Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

FDBC125SD1C01 Datasheet(HTML) 2 Page - Coherent Corp

  FDBC125SD1C01 Datasheet HTML 1Page - Coherent Corp FDBC125SD1C01 Datasheet HTML 2Page - Coherent Corp FDBC125SD1C01 Datasheet HTML 3Page - Coherent Corp FDBC125SD1C01 Datasheet HTML 4Page - Coherent Corp FDBC125SD1C01 Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SFPwire® 25G DAC Product Specification
Finisar Transceiver
Coherent Corp. Dec. 2022 Rev A02 – Coherent Corp. Confidential
Page 2
I.
Pin Descriptions
SFP28 Pin Function Definition
Pin
Logic
Symbol
Name/Description
Notes
1
VeeT
Transmitter Ground
2
LV-TTL-O
TX_Fault
N/A
1
3
LV-TTL-I
TX_DIS
Transmitter Disable
2
4
LV-TTL-I/O
SDA
Tow Wire Serial Data
5
LV-TTL-I
SCL
Tow Wire Serial Clock
6
MOD_DEF0
Module present, connect to VeeT
7
LV-TTL-I
RS0
N/A
1
8
LV-TTL-O
LOS
LOS of Signal
2
9
LV-TTL-I
RS1
N/A
1
10
VeeR
Reciever Ground
11
VeeR
Reciever Ground
12
CML-O
RD-
Reciever Data Inverted
13
CML-O
RD+
Reciever Data Non-Inverted
14
VeeR
Reciever Ground
15
VccR
Reciever Supply 3.3V
16
VccT
Transmitter Supply 3.3V
17
VeeT
Transmitter Ground
18
CML-I
TD+
Transmitter Data Non-Inverted
19
CML_I
TD-
Transmitter Data Inverted
20
VeeT
Transmitter Ground
1. Signals not supported in SFP+ Copper pulled-downto VeeT with 30K ohms resistor
2. Passive cable assemblies do not support LOS and TX_DIS
Figure 1. Diagram of Host Board Connector Block Pin Numbers and Names



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com