Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH5400 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH5400
Description  Logic Gate Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5400 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH5400 Datasheet HTML 1Page - OSRAM GmbH SFH5400 Datasheet HTML 2Page - OSRAM GmbH SFH5400 Datasheet HTML 3Page - OSRAM GmbH SFH5400 Datasheet HTML 4Page - OSRAM GmbH SFH5400 Datasheet HTML 5Page - OSRAM GmbH SFH5400 Datasheet HTML 6Page - OSRAM GmbH SFH5400 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004-06-09
2
SFH 5400
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 … + 85
°C
Versorgungsspannung
Supply voltage
V
CC
– 0.5 … 15
V
Ausgangsspannung
Output voltage
V
O
– 0.5 … 15
V
Ausgangsstrom
Output current
I
q
– 25 … 40
mA
Ausgangsleistung
T
A = 25 °C
Total output power
P
q
100
mW
Kennwerte
Characteristics
TA = – 40 … 85 °C, VCC = 4.5 … 15 V, Ee = 3.2 … 10 mW/cm
2
T
A = 25 °C, VCC = 5 V, Ee = 6.5 mW/cm
2 for typical values
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
typ.
Limit
Schwelle Bestrahlungsstärke
Threshold radiant intensity
(Ausgang L
→ H)
(Output L
→ H)
λ = 660 nm
E
eSchw
1.3
–
mW/cm
2
Min. Bestrahlungsstärke, Ausgang H
Min. radiant intensity, Output H
λ = 660 nm
E
eHmin
–
< 3.2
mW/cm
2
Max. Bestrahlungsstärke, Ausgang L
Max. radiant intensity, Output L
λ = 660 nm
E
eLmax
–
> 0.16
mWcm
2
Hysterese
Hysteresis
∆E
e
> 0.2
–
mW/cm
2
Ausgangsspannung L
Output voltage L
I
OL = 6.4 mA
V
OL
0.15
< 0.5
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com