Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

38S-2D Datasheet(PDF) 1 Page - Multicomp Pro

Part # 38S-2D
Description  Knobs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

38S-2D Datasheet(HTML) 1 Page - Multicomp Pro

  38S-2D Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Knobs
17/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Specification Table
Description
Material
Colour
External
Depth
Shaft
Diameter
Knob
Diameter
Spindle
Diameter
Part Number
Knob, Aluminium, 16 mm
Aluminium
Natural
14
6.35 (0.25)
16
-
16H-2D-A
Knob, Aluminium, 22 mm
22
-
22H-2D-A
Knob, Aluminium, 28 mm
28
-
28H-2D-A
Knob, Black, 16 mm
Black
16
-
16H-2D-B
Knob, Black, 22 mm
22
-
22H-2D-B
Knob, Black, 28 mm
4 (0.157)
28
-
28H-2D-B
Knob, Aluminium, Fluted, 20 mm
-
15.4
6.35 (0.25)
20
-
20T-2D
Knob, Aluminium, Fluted, 25 mm
-
25
-
25T-2T
Knob, Aluminium, Fluted, 30 mm
-
30
-
30T-2D
Knob, Aluminium, Spun, 18 mm
-
12
-
18
4
18S-4D
Knob, Aluminium, Spun, 22 mm
-
13
-
22
22S-4D
Knob, Aluminium, Spun, 14 mm
-
16
-
14
0.25
14S-2D
Knob, Aluminium, Spun, 18 mm
-
12
-
18
18S-2D
Knob, Aluminium, Spun, 22 mm
-
13
-
22
22S-2D
Knob, Aluminium, Spun, 29 mm
-
14
-
29
29S-2D
Knob, Aluminium, Spun, 32 mm
-
-
32
32S-2D
Knob, Aluminium, Spun, 38 mm
-
16
-
38
38S-2D
Dimensions : Millimetres (Inches)


Similar Part No. - 38S-2D

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
38S8AF QUARTZCOM-38S8AF Datasheet
176Kb / 1P
-20 ~ 70 째C commercia l application -30 ~ 75 째C on request
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
Monolithic Crystal Filters
logo
EUROQUARTZ limited
38SMF EUROQUARTZ-38SMF Datasheet
94Kb / 1P
SMD Micro-Miniature 38SMF Series (2 & 3 Pole in 3.8 x 3.8mm)
38SMF1096A20-3P EUROQUARTZ-38SMF1096A20-3P Datasheet
94Kb / 1P
SMD Micro-Miniature 38SMF Series (2 & 3 Pole in 3.8 x 3.8mm)
logo
Wolfgang Knap
38SMF1096A203P WK-38SMF1096A203P Datasheet
113Kb / 1P
Monolithic Crystal Filters
More results

Similar Description - 38S-2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
Knobs
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
Knobs
45KN016-GRX ETC1-45KN016-GRX Datasheet
78Kb / 1P
Rotary Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
Knobs
450-6003 ETC2-450-6003 Datasheet
125Kb / 2P
Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
Knobs
450-KB100 ETC2-450-KB100 Datasheet
146Kb / 1P
Knobs
450-KLN510 ETC2-450-KLN510 Datasheet
72Kb / 1P
Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
Knobs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com