Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74F175D Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F175D
Description  QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74F175D Datasheet(HTML) 1 Page - Texas Instruments

  SN74F175D Datasheet HTML 1Page - Texas Instruments SN74F175D Datasheet HTML 2Page - Texas Instruments SN74F175D Datasheet HTML 3Page - Texas Instruments SN74F175D Datasheet HTML 4Page - Texas Instruments SN74F175D Datasheet HTML 5Page - Texas Instruments SN74F175D Datasheet HTML 6Page - Texas Instruments SN74F175D Datasheet HTML 7Page - Texas Instruments SN74F175D Datasheet HTML 8Page - Texas Instruments SN74F175D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN74F175
QUADRUPLE D-TYPE FLIP-FLOP
WITH CLEAR
SDFS058B – D293, MARCH 1987 – REVISED MAY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Contains Four Flip-Flops With Double-Rail
Outputs
D Buffered Clock and Direct Clear Inputs
D Applications Include:
– Buffer/Storage Registers
– Shift Registers
– Pattern Generators
description
This positive-edge-triggered flip-flop utilizes TTL
circuitry to implement D-type flip-flop logic with a
direct clear (CLR) input. Information at the data
(D) inputs meeting setup-time requirements is
transferred to outputs on the positive-going edge
of the clock pulse. Clock triggering occurs at a
particular voltage level and is not directly related
to the transition time of the positive-going pulse.
When the clock (CLK) input is at either the high or
low level, the D-input signal has no effect at the
output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74F175N
SN74F175N
0
°Cto70°C
SOIC
D
Tube
SN74F175D
F175
0
°C to 70°C
SOIC – D
Tape and reel
SN74F175DR
F175
SOP – NS
Tape and reel
SN74F175NSR
74F175
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUTS
CLR
CLK
D
Q
Q
L
X
X
L
H
H
↑
HH
L
H
↑
LL
H
H
L
X
Q0
Q0
D, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
1Q
1Q
1D
2D
2Q
2Q
GND
VCC
4Q
4Q
4D
3D
3Q
3Q
CLK
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F175D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F175D TI-SN74F175D Datasheet
72Kb / 5P
QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74F175D TI-SN74F175D Datasheet
359Kb / 12P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
SN74F175DE4 TI-SN74F175DE4 Datasheet
359Kb / 12P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
SN74F175DG4 TI-SN74F175DG4 Datasheet
359Kb / 12P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
SN74F175DR TI-SN74F175DR Datasheet
359Kb / 12P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
More results

Similar Description - SN74F175D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40175B PHILIPS-HEF40175B Datasheet
62Kb / 5P
Quadruple D-type flip-flop
January 1995
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Hitachi Semiconductor
HD14175B HITACHI-HD14175B Datasheet
65Kb / 5P
Quadruple D-type Flip Flop
logo
Texas Instruments
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74F175 TI-SN74F175_07 Datasheet
359Kb / 12P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
D-Type Flip-Flop with Clear
logo
Texas Instruments
74ACT11175 TI1-74ACT11175 Datasheet
88Kb / 6P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
CD74AC175 TI1-CD74AC175_14 Datasheet
755Kb / 13P
QUADRUPLE D-TYPE FLIP-FLOP
CD74ACT175 TI1-CD74ACT175_14 Datasheet
820Kb / 13P
QUADRUPLE D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com