Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R140-R140M-0537 Datasheet(PDF) 4 Page - GIACOMINI WATER E-MOTION

Part # R140-R140M-0537
Description  Membrane safety valves R140, R140M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R140-R140M-0537 Datasheet(HTML) 4 Page - GIACOMINI WATER E-MOTION

  R140-R140M-0537 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R140-R140M-0537 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R140-R140M-0537 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R140-R140M-0537 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
0537EN November 2022
Boiler room components
MeMbrane safety valves
r140, r140M
Additional information
For additional information please check the website www.giacomini.com or contact the technical service: ' +39 0322 923372 6 +39 0322 923255 * consulenza.prodotti@giacomini.com
This pamphlet is merely for information purposes. Giacomini S.p.A. retains the right to make modifications for technical or commercial reasons, without prior notice, to the items described in
this pamphlet. The information described in this technical pamphlet does not exempt the user from following carefully the existing regulations and norms on good workmanship.
Giacomini S.p.A. Via per Alzo, 39 - 28017 San Maurizio d’Opaglio (NO) Italy
Product specifications
R140
Ordinary membrane safety valve. Female-female connections G 1/2"F, G 3/4"F. G 1"F, G 1-1/4"F. Fluids: hot water, cold water, air. Body: brass UNI EN 12165
CW617N. Membrane: EPDM. Stem: copper. Separator: brass UNI EN 12164 CW617N. Gasket: vegetable fiber. Spring: steel. Spring presser: brass UNI EN 12164
CW617N. Bonnet: brass UNI EN 12165 CW617N. Knob: POM. Min. allowable temperature (Ts min): 5 °C. Max. allowable temperature (Ts max): 110 °C. Max.
allowable pressure (Ps): 10 bar. Open overpressure 20%. Closure range 20%. Compliance with Directive "PED" 2014/68/UE (cat.IV). Factory calibration: 1,5 - 2 -
2,5 - 3 - 3,5 - 4 - 4,5 - 5 - 6 - 7 - 8- 10 bar.
R140M
Ordinary membrane safety valve. Male-female threaded connections of G 1/2"M x G 1/2" F. Fluids: hot water, cold water, air. Body: brass UNI EN 12165 CW617N.
Membrane: EPDM. Stem: copper. Separator: brass UNI EN 12164 CW617N. Gasket: vegetable fiber. Spring: steel. Spring presser: brass UNI EN 12164 CW617N.
Bonnet: brass UNI EN 12165 CW617N. Knob: POM. Min. allowable temperature (Ts min): 5 °C. Max. allowable temperature (Ts max): 110 °C. Max. allowable
pressure (Ps): 10 bar. Open overpressure 20%. Closure range 20%. Compliance with Directive "PED" 2014/68/UE (cat.IV). Factory calibration: 3 bar.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com