Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH2430 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH2430
Description  Silicon Photodiode with V貫 Characteristics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2430 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH2430 Datasheet HTML 1Page - OSRAM GmbH SFH2430 Datasheet HTML 2Page - OSRAM GmbH SFH2430 Datasheet HTML 3Page - OSRAM GmbH SFH2430 Datasheet HTML 4Page - OSRAM GmbH SFH2430 Datasheet HTML 5Page - OSRAM GmbH SFH2430 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SFH 2430
2007-04-03
4
Relative Spectral Sensitivity
S
rel = f (λ)
Dark Current
I
R = f (VR), E = 0
Directional Characteristics
S
rel = f (ϕ)
400
0
20
40
Srel
80
60
%
100
λ
OHF02387
500 600 700 800 900
nm 1100
10
30
50
70
-1
0
10
-2
10
5
3
2
1
nA
10
IR
5
0
V6
5
4
VR
OHF02390
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
Photocurrent
I
P/IP(25
°C) = f (TA)
E
v = 1000 lx, VR = 5 V
Capacitance
C = f (V
R), f = 1 MHz, E = 0
OHF02389
-40
0.80
T
0.85
0.90
0.95
1.00
1.05
1.15
A
P (25 ˚C)
I
P
-20
0
20
40
60
˚C 100
I
-2
10
200
0
600
400
-1
10
55
800
1200
C
pF
1
0
V
10
VR
10
OHF02388
Total Power Dissipation
P
tot = f (TA)
T
OHF00958
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com