Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VIPER50-22-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER50-22-E
Description  SMPS PRIMARY I.C.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50-22-E Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER50-22-E Datasheet HTML 1Page - STMicroelectronics VIPER50-22-E Datasheet HTML 2Page - STMicroelectronics VIPER50-22-E Datasheet HTML 3Page - STMicroelectronics VIPER50-22-E Datasheet HTML 4Page - STMicroelectronics VIPER50-22-E Datasheet HTML 5Page - STMicroelectronics VIPER50-22-E Datasheet HTML 6Page - STMicroelectronics VIPER50-22-E Datasheet HTML 7Page - STMicroelectronics VIPER50-22-E Datasheet HTML 8Page - STMicroelectronics VIPER50-22-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
VIPer50-E
1 Electrical Data
5/29
1.2
Electrical Characteristics
TJ = 25°C; VDD = 13V, unless otherwise specified
Table 2.
Power Section
(1) On Inductive Load, Clamped.
Table 3.
Supply Section
Table 4.
Oscillator Section
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
BVDS
Drain-Source Voltage
ID = 1mA; VCOMP = 0V
620
V
IDSS
Off-State Drain
Current
VCOMP = 0V; Tj = 125°C
VDS = 620V
1mA
RDS(on)
Static Drain-Source
On Resistance
ID = 1A
ID = 1A; TJ= 100°C
2.3
5.0
9
Ω
tf
Fall Time
ID = 0.2A; VIN =300V (1)Figure 7
100
ns
tr
Rise Time
ID = 1A; VIN = 300V (1)Figure 7
50
ns
Coss
Output Capacitance
VDS = 25V
120
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDDch
Start-Up Charging Current
VDD = 5V; VDS = 35V
(see Figure 6)(see Figure 11)
-2
mA
IDD0
Operating Supply Current
VDD = 12V; FSW = 0kHz
(see Figure 6)
12
16
mA
IDD1
Operating Supply Current
VDD = 12V; Fsw = 100kHz
14
mA
IDD2
Operating Supply Current
VDD = 12V; Fsw = 200kHz
16
mA
VDDoff
Undervoltage Shutdown
(see Figure 6)
7.5
8
9
V
VDDon
Undervoltage Reset
(see Figure 6)
11
12
V
VDDhyst
Hysteresis Start-up
(see Figure 6)
2.4
3
V
Symbol
Parameter
Test Conditions‘
Min
Typ
Max
Unit
FSW
Oscillator Frequency Total
Variation
RT=8.2KΩ; CT=2.4nF
VDD=9 to 15V;
with RT± 1%; CT± 5%
(see Figure 10)(see Figure 14)
90
100
110
KHz
VOSCIH
Oscillator Peak Voltage
7.1
V
VOSCIL
Oscillator Valley Voltage
3.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com