Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2EB-3V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # S2EB-3V
Description  2a2b/3a1b/4a 4A polarized power relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

S2EB-3V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  S2EB-3V Datasheet HTML 1Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 2Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 3Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 4Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 5Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Corporation 2014
©
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
S
–2–
ASCTB207E 201402-T
HOW IT WORKS (single side stable type)
ORDERING INFORMATION
TYPES
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
* Sockets available.
RATING
1. Coil data
1) Single side stable
Contact arrangement
Nominal coil voltage
Single side stable
2 coil latching
Part No.
Part No.
2 Form A 2 Form B
3V DC
S2EB-3V
S2EB-L2-3V
5V DC
S2EB-5V
S2EB-L2-5V
6V DC
S2EB-6V
S2EB-L2-6V
12V DC
S2EB-12V
S2EB-L2-12V
24V DC
S2EB-24V
S2EB-L2-24V
48V DC
S2EB-48V
S2EB-L2-48V
3 Form A 1 Form B
3V DC
S3EB-3V
S3EB-L2-3V
5V DC
S3EB-5V
S3EB-L2-5V
6V DC
S3EB-6V
S3EB-L2-6V
12V DC
S3EB-12V
S3EB-L2-12V
24V DC
S3EB-24V
S3EB-L2-24V
48V DC
S3EB-48V
S3EB-L2-48V
4 Form A
3V DC
S4EB-3V
S4EB-L2-3V
5V DC
S4EB-5V
S4EB-L2-5V
6V DC
S4EB-6V
S4EB-L2-6V
12V DC
S4EB-12V
S4EB-L2-12V
24V DC
S4EB-24V
S4EB-L2-24V
48V DC
S4EB-48V
S4EB-L2-48V
Type
Nominal coil
voltage
Pick-up
voltage
(at 20
°C 68°F)
Drop-out
voltage
(at 20
°C 68°F)
Nominal operating
current [
±10%]
(at 20
°C 68°F)
Coil resistance
[
±10%]
(at 20
°C 68°F)
Nominal operating
power
Coil inductance
Max. applied
voltage
(at 40
°C 104°F)
Standard
3V DC
70%V or less
of nominal
voltage
(Initial)
10%V or more
of nominal
voltage
(Initial)
66.7mA
45
Ω
200mW
Approx. 23mH
5.5V DC
5V DC
38.5mA
130
Ω
192mW
Approx. 65mH
9.0V DC
6V DC
33.3mA
180
Ω
200mW
Approx. 93mH
11.0V DC
12V DC
16.7mA
720
Ω
200mW
Approx. 370mH
22.0V DC
24V DC
8.4mA
2,850
Ω
202mW
Approx. 1,427mH
44.0V DC
48V DC
5.6mA
8,500
Ω
271mW
Approx. 3,410mH
75.0V DC
1) When current is passed through the
coil, the yoke becomes magnetic and
polarized.
2) At either pole of the armature,
repulsion on one side and attraction on
the other side is caused by the interaction
of the poles and the permanent magnets
of the armature.
3) At this time, opening and closing
operates owing to the action of the
simultaneously moulded balanced
armature mechanism, so that when the
force of the contact breaker spring closes
the contact on one side, on the other
side, the balanced armature opens the
contact (2a2b).
Axis
Repulsion
Attraction
Permanent magnet
Residual plate
Attraction
Repulsion
N
S
N
S
N
S
Nominal coil voltage (DC)
3, 5, 6, 12, 24, 48 V
Contact arrangement
2: 2 Form A 2 Form B
3: 3 Form A 1 Form B
4: 4 Form A
SEB
Operating function
Nil:
L:
L2:
Single side stable
1 coil latching*
2 coil latching
Notes: 1. *1 coil latching type are manufactured by lot upon receipt of order.
2. Certified by UL and CSA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com