Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BLJ4B5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72324BLJ4B5
Description  3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BLJ4B5 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72324BLJ4B5 Datasheet HTML 1Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 2Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 3Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 4Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 5Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 6Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 7Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 8Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
September 2007
1/154
Rev. 5
ST72324Lxx
3V range 8-bit MCU with 8 to 32K Flash/ROM,
10-bit ADC, 4 timers, SPI, SCI interface
Features
■ Memories
– 8 to 32K dual voltage High Density Flash (HD-
Flash) or ROM with read-out protection capa-
bility. In-Application Programming and In-
Circuit Programming for HDFlash devices
– 384 to 1K bytes RAM
– HDFlash endurance: 100 cycles, data reten-
tion: 40 years at 85°C
■ Clock, Reset And Supply Management
– Clock sources: crystal/ceramic resonator os-
cillators, internal RC oscillator, and bypass for
external clock
– PLL for 2x frequency multiplication
– Four power saving modes: Halt, Active-Halt,
Wait and Slow
■ Interrupt Management
– Nested interrupt controller
– 10 interrupt vectors plus TRAP and RESET
– 9/6 external interrupt lines (on 4 vectors)
■ Up to 32 I/O Ports
– 32/24 multifunctional bidirectional I/O lines
– 22/17 alternate function lines
– 12/10 high sink outputs
■ 4 Timers
– Main Clock Controller with: Real time base,
Beep and Clock-out capabilities
– Configurable watchdog timer
– 16-bit Timer A with: 1 input capture, 1 output
compare, external clock input, PWM and
pulse generator modes
– 16-bit Timer B with: 2 input captures, 2 output
compares, PWM and pulse generator modes
■ 2 Communication Interfaces
– SPI synchronous serial interface
– SCI asynchronous serial interface
■ 1 Analog Peripheral
– 10-bit ADC with up to 12 input ports
■ Instruction Set
– 8-bit Data Manipulation
– 63 Basic Instructions
– 17 main Addressing Modes
– 8 x 8 Unsigned Multiply Instruction
■ Development Tools
– Full hardware/software development package
– In-Circuit Testing capability
Table 1. Device Summary
LQFP44
10 x 10
SDIP32
400 mil
LQFP32
7 x 7
LQFP48
7 x 7
Features
ST72324LJ6
ST72324LK6
ST72324LJ4
ST72324LK4
ST72324LS4
ST72324LJ2
ST72324LK2
ST72324LS2
Program memory -
bytes
Flash 32K
Flash/ROM 16K
Flash/ROM 8K
RAM (stack) - bytes
1024 (256)
512 (256)
384 (256)
Voltage Range
2.85 to 3.6V
Temp. Range
up to -40°C to +85°C
Packages
LQFP44 10x10 (J), LQFP48 7x7 (S), SDIP32, LQFP32 7x7 (K)
1


Similar Part No. - ST72324BLJ4B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324BLJ4B5 STMICROELECTRONICS-ST72324BLJ4B5 Datasheet
1Mb / 151P
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
01-Feb-2004
More results

Similar Description - ST72324BLJ4B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.9
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
01-Feb-2004
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.6
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
06-Feb-2006
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
08-Nov-2005
ST72324BXX STMICROELECTRONICS-ST72324BXX Datasheet
2Mb / 188P
8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
10-Oct-2007
ST7232A_0512 STMICROELECTRONICS-ST7232A_0512 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Dec-2005
ST72324JX STMICROELECTRONICS-ST72324JX Datasheet
2Mb / 164P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
04-Apr-2008
ST72F32AJ2T6 STMICROELECTRONICS-ST72F32AJ2T6 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com