Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G99DCTRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN74LVC1G99DCTRG4
Description  Ultra-Configurable Multiple-Function Gate With 3-State Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G99DCTRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74LVC1G99DCTRG4 Datasheet HTML 17Page - Texas Instruments SN74LVC1G99DCTRG4 Datasheet HTML 18Page - Texas Instruments SN74LVC1G99DCTRG4 Datasheet HTML 19Page - Texas Instruments SN74LVC1G99DCTRG4 Datasheet HTML 20Page - Texas Instruments SN74LVC1G99DCTRG4 Datasheet HTML 21Page - Texas Instruments SN74LVC1G99DCTRG4 Datasheet HTML 22Page - Texas Instruments SN74LVC1G99DCTRG4 Datasheet HTML 23Page - Texas Instruments SN74LVC1G99DCTRG4 Datasheet HTML 24Page - Texas Instruments SN74LVC1G99DCTRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
C
4.25
3.75
TYP
1.3
1.0
6X 0.65
8X
0.30
0.15
2X
1.95
(0.15) TYP
0 - 8
0.1
0.0
0.25
GAGE PLANE
0.6
0.2
A
3.15
2.75
NOTE 3
B
2.9
2.7
NOTE 4
4220784/C 06/2021
SSOP - 1.3 mm max height
DCT0008A
SMALL OUTLINE PACKAGE
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
1
8
0.13
C A B
5
4
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 3.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com