Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FIP-S-31-00-4 Datasheet(PDF) 2 Page - Coherent Corp

Part # FIP-S-31-00-4
Description  PIGTAIL ISOLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

FIP-S-31-00-4 Datasheet(HTML) 2 Page - Coherent Corp

  FIP-S-31-00-4 Datasheet HTML 1Page - Coherent Corp FIP-S-31-00-4 Datasheet HTML 2Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIGTAIL ISOLATOR
© 2023 Coherent Corp.
Legal notices : coherent.com/legal
sales@coherent.com
www.coherent.com
Specifications
Package Dimensions (unit: mm)
Ordering Information
Parameters
Units
Specification
CWL
nm
1270 ~ 1610
Operating wavelength
nm
+/-20
Insertion loss (Isolator chip)
dB
< 0.4
Insertion loss (Connector)
dB
< 0.2
Isolation at center wavelength
dB
>30 dB @ 23 ˚C
Operating temperature
˚C
-40 to 85
storage temperature
˚C
-40 to 85
Connector
sC/aPC
Part Number
Description
fIP-s-31-00-4
Pigtail isolator, 1310 nm, single stage, sC/aPC connector
fIP-s-55-10-4
Pigtail isolator, 1550 nm, single stage, sC/aPC connector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com