| Electronic Components Datasheet Search |
|
STM32H523CCI7 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H523CCI7 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 228 page ![]() STM32H523xx 2/228 DS14540 Rev 1 • Flexible life cycle scheme with secure debug authentication • SESIP3 and PSA Level 3 certified assurance target • SFI (secure firmware installation) • Root of trust thanks to unique boot entry and secure hide protection area (HDP) • Secure firmware upgrade support with TF-M • Public key accelerator, ECDSA signature verification • HASH hardware accelerator • True random number generator, NIST SP800-90B compliant • 96-bit unique ID • Active tampers Two DMA controllers to offload the CPU • Two dual-port DMAs with FIFO Reset and supply management • 1.71 V to 3.6 V application supply and I/O • POR, PDR, PVD, and BOR • Embedded regulator with configurable scalable output to supply the digital circuitry Up to 16 timers • 10x 16-bit (including two low-power 16-bit timers available in Stop mode) • Two 32-bit timers with up to four IC/OC/PWM or pulse counters and quadrature (incremental) encoder input • Two watchdogs • Two SysTick timers Up to 21 communication interfaces • Up to three I2Cs Fm+ (SMBus/PMBus®) • Two I3Cs • Up to six U(S)ARTs (ISO7816 interface, LIN, IrDA, modem control) and one LPUART • Up to four SPIs including three muxed full-duplex I2S audio class accuracy via internal audio PLL or external clock, and up to four additional SPIs from four USARTs when configured in Synchronous mode (one additional SPI with OctoSPI) • Two FDCAN controllers • One 8- to 14-bit camera interface • One 16-bit parallel slave synchronous- interface • One HDMI-CEC • One USB 2.0 full-speed host and device (crystal-less) • One USB Type-C®/ USB Power Delivery r3.1 Analog • Two 12-bit ADCs with up to 5 Msps in 12-bit • One 12-bit DAC with two channels • Digital temperature sensor • Voltage reference buffer Debug • Authenticated debug and flexible device life cycle • Serial wire-debug (SWD), JTAG, Embedded Trace Macrocell™ (ETM) ECOPACK2 compliant packages Table 1. Device summary Reference Part numbers STM32H523xx STM32H523CC, STM32H523RC, STM32H523VC, STM32H523ZC, STM32H523CE, STM32H523HE, STM32H523RE, STM32H523VE, STM32H523ZE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |