| Electronic Components Datasheet Search |
|
SN74LVC16646ADLR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC16646ADLR Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 18 page ![]() www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) SN74LVC16646A 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS SCES408B – AUGUST 2002 – REVISED APRIL 2005 Data on the A or B bus is clocked into the registers on the low-to-high transition of the appropriate clock (CLKAB or CLKBA) input. Figure 1 illustrates the four fundamental bus-management functions that can be performed with the SN74LVC16646A. Output-enable (OE) and direction-control (DIR) inputs control the transceiver functions. In the transceiver mode, data present at the high-impedance port can be stored in either register or in both. The select-control (SAB and SBA) inputs can multiplex stored and real-time (transparent mode) data. The circuitry used for select control eliminates the typical decoding glitch that occurs in a multiplexer during the transition between stored and real-time data. DIR determines which bus receives data when OE is low. In the isolation mode (OE high), A data can be stored in one register and/or B data can be stored in the other register. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. When an output function is disabled, the input function still is enabled and can be used to store and transmit data. Only one of the two buses, A or B, can be driven at a time. Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators in a mixed 3.3-V/5-V system environment. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. FUNCTION TABLE INPUTS DATA I/O(1) OPERATION OR FUNCTION OE DIR CLKAB CLKBA SAB SBA A1-A8 B1-B8 X X ↑ X X X Input Unspecified Store A, B unspecified(1) X X X ↑ X X Unspecified Input Store B, A unspecified(1) H X ↑ ↑ X X Input Input Store A and B data H X H or L H or L X X Input Input Isolation, hold storage L L X X X L Output Input Real-time B data to A bus L L X H or L X H Output Input Stored B data to A bus L H X X L X Input Output Real-time A data to B Bus L H H or L X H X Input Output Stored A data to bus (1) The data-output functions can be enabled or disabled by various signals at OE or DIR. Data-input functions always are enabled, i.e., data at the bus terminals is stored on every low-to-high transition of the clock inputs. 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |