Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G00DCTR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC2G00DCTR
Description  SN74LVC2G00 Dual 2-Input Positive-NAND Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G00DCTR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G00DCTR Datasheet HTML 1Page - Texas Instruments SN74LVC2G00DCTR Datasheet HTML 2Page - Texas Instruments SN74LVC2G00DCTR Datasheet HTML 3Page - Texas Instruments SN74LVC2G00DCTR Datasheet HTML 4Page - Texas Instruments SN74LVC2G00DCTR Datasheet HTML 5Page - Texas Instruments SN74LVC2G00DCTR Datasheet HTML 6Page - Texas Instruments SN74LVC2G00DCTR Datasheet HTML 7Page - Texas Instruments SN74LVC2G00DCTR Datasheet HTML 8Page - Texas Instruments SN74LVC2G00DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SN74LVC2G00
SCES193N – APRIL 1999 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description .............................................. 9
9.1
Overview ................................................................... 9
2
Applications ........................................................... 1
9.2
Functional Block Diagram ......................................... 9
3
Description ............................................................. 1
9.3
Feature Description................................................... 9
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes.......................................... 9
5
Revision History..................................................... 2
10
Application and Implementation........................ 10
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 10
7
Specifications......................................................... 4
10.2
Typical Application ............................................... 10
7.1
Absolute Maximum Ratings ...................................... 4
11
Power Supply Recommendations ..................... 11
7.2
ESD Ratings.............................................................. 4
12
Layout................................................................... 12
7.3
Recommended Operating Conditions ....................... 5
12.1
Layout Guidelines ................................................. 12
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 12
7.5
Electrical Characteristics .......................................... 6
13
Device and Documentation Support ................. 12
7.6
Electrical Characteristics (Continued) ....................... 6
13.1
Trademarks ........................................................... 12
7.7
Switching Characteristics, -40°C to 85°C ................ 6
13.2
Electrostatic Discharge Caution ............................ 12
7.8
Switching Characteristics, -40°C to 125°C .............. 6
13.3
Glossary ................................................................ 12
7.9
Typical Characteristics .............................................. 7
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 8
Information ........................................................... 12
5 Revision History
Changes from Revision M (November 2013) to Revision N
Page
•
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
Changes from Revision L (January 2007) to Revision M
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Updated operating temperature range in Recommended Operating Conditions table. ......................................................... 5
•
Added ESD warning. ............................................................................................................................................................ 12
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com