Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G32 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC2G32
Description  SN74LVC2G32 Dual 2-Input Positive-OR Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G32 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC2G32 Datasheet HTML 5Page - Texas Instruments SN74LVC2G32 Datasheet HTML 6Page - Texas Instruments SN74LVC2G32 Datasheet HTML 7Page - Texas Instruments SN74LVC2G32 Datasheet HTML 8Page - Texas Instruments SN74LVC2G32 Datasheet HTML 9Page - Texas Instruments SN74LVC2G32 Datasheet HTML 10Page - Texas Instruments SN74LVC2G32 Datasheet HTML 11Page - Texas Instruments SN74LVC2G32 Datasheet HTML 12Page - Texas Instruments SN74LVC2G32 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
1
2
7
1A
1B
1Y
5
6
3
2A
2B
2Y
SN74LVC2G32
www.ti.com
SCES201N – APRIL 1999 – REVISED SEPTEMBER 2015
8 Detailed Description
8.1 Overview
The SN74LVC2G32 provides two logical OR gates per device and each gate has two inputs. Both input paths
use identical circuitry for matching propagation delays. Supply voltage from 1.65 V to 5.5 V is supported.
8.2 Functional Block Diagram
Figure 3. Logic Diagram (Positive Logic)
8.3 Feature Description
The SN74LVC2G32 inputs per gate can accept up to 5.5 V regardless of VCC.
8.4 Device Functional Modes
Table 1 lists the functional modes for the SN74LVC2G32.
Table 1. Function Table (Each
Gate)(1)
INPUTS
OUTPUT
Y
A
B
H
X
H
X
H
H
L
L
L
(1)
Y = A + B in positive logic.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC2G32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com