Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G02DCUT.B Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC2G02DCUT.B
Description  SN74LVC2G02 Dual 2-Input Positive-NOR Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G02DCUT.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC2G02DCUT.B Datasheet HTML 6Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 7Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 8Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 9Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 10Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 11Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 12Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 13Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
uC or Logic
uC or Logic
Basic LED Driver
uC or Logic
NOR Logic Function
uC or Logic
uC or Logic
LVC2G02
LVC2G02
10
SN74LVC2G02
SCES194N – APRIL 1999 – REVISED MAY 2019
www.ti.com
Product Folder Links: SN74LVC2G02
Submit Documentation Feedback
Copyright © 1999–2019, Texas Instruments Incorporated
9 Application and Implementation
9.1 Application Information
The SN74LVC2G02 is a high-drive CMOS device that can be used for implement NOR logic with a high output
drive, such as an LED application. It can produce 24-mA of drive current at 3.3 V making it Ideal for driving
multiple outputs and good for high speed applications up to 100 Mhz. The inputs are 5.5-V tolerant allowing
translation down to VCC.
9.2 Typical Application
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads, so routing and load conditions should be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
–
Rise time and fall time specs. See (Δt/ΔV) in the Recommended Operating Conditions table.
–
Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommend Output Conditions:
–
Load currents should not exceed (IO max) per output and should not exceed total current (continuous
current through VCC or GND) for the part. These limits are located in the Absolute Maximum Ratings
table.
–
Outputs should not be pulled above VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com