Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G80DCTRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC2G80DCTRG4
Description  Dual Positive-Edge-Triggered D-Type Flip-Flop
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G80DCTRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2G80DCTRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G80DCTRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G80DCTRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G80DCTRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G80DCTRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G80DCTRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G80DCTRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G80DCTRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G80DCTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN74LVC2G80
SCES309F – DECEMBER 2001 – REVISED DECEMBER 2013
www.ti.com
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
IOH = –100 μA
1.65 V to 5.5 V
VCC – 0.1
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
VOH
V
IOH = –16 mA
2.4
2.4
3 V
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
IOL = 100 μA
1.65 V to 5.5 V
0.1
0.1
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
VOL
V
IOL = 16 mA
0.4
0.4
3 V
IOL = 24 mA
0.55
0.65
IOL = 32 mA
4.5 V
0.55
0.65
II
D input
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
μA
Ioff
VI or VO = 5.5 V
0
±1
±10
μA
ICC
VI = 5.5 V or GND, IO = 0
1.65 V to 5.5 V
5
5
μA
One input at VCC – 0.6 V,
ΔICC
3 V to 5.5 V
500
500
μA
Other inputs at VCC or GND
Ci
VI = VCC or GND
0
3.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
SN74LVC2G80
–40°C to 85°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5.5 V
UNIT
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
160
160
160
160
MHz
tw
Pulse duration, CLK high or low
2.5
2.5
2.5
2.5
ns
Data high
2.2
1.4
1.1
0.9
tsu
Setup time before CLK
↑
ns
Data low
2.2
1.4
1.1
0.9
th
Hold time, data after CLK
↑
1.6
1
0.8
0.6
ns
Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
SN74LVC2G80
–40°C to 125°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5.5 V
UNIT
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
160
160
160
160
MHz
tw
Pulse duration, CLK high or low
2.5
2.5
2.5
2.5
ns
Data high
2.2
1.4
1.1
0.9
tsu
Setup time before CLK
↑
ns
Data low
2.2
1.4
1.1
0.9
th
Hold time, data after CLK
↑
1.6
1
0.8
0.6
ns
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com