Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2GU04DBVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # 74LVC2GU04DBVRG4
Description  Dual Inverter Gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74LVC2GU04DBVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74LVC2GU04DBVRG4 Datasheet HTML 6Page - Texas Instruments 74LVC2GU04DBVRG4 Datasheet HTML 7Page - Texas Instruments 74LVC2GU04DBVRG4 Datasheet HTML 8Page - Texas Instruments 74LVC2GU04DBVRG4 Datasheet HTML 9Page - Texas Instruments 74LVC2GU04DBVRG4 Datasheet HTML 10Page - Texas Instruments 74LVC2GU04DBVRG4 Datasheet HTML 11Page - Texas Instruments 74LVC2GU04DBVRG4 Datasheet HTML 12Page - Texas Instruments 74LVC2GU04DBVRG4 Datasheet HTML 13Page - Texas Instruments 74LVC2GU04DBVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
30-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
74LVC2GU04DCKRG4
SC70
DCK
6
3000
180.0
180.0
18.0
74LVC2GU04DCKTG4
SC70
DCK
6
250
180.0
180.0
18.0
SN74LVC2GU04DBVR
SOT-23
DBV
6
3000
180.0
180.0
18.0
SN74LVC2GU04DBVT
SOT-23
DBV
6
250
180.0
180.0
18.0
SN74LVC2GU04DBVT
SOT-23
DBV
6
250
202.0
201.0
28.0
SN74LVC2GU04DCKR
SC70
DCK
6
3000
210.0
185.0
35.0
SN74LVC2GU04DCKT
SC70
DCK
6
250
210.0
185.0
35.0
SN74LVC2GU04YZPR
DSBGA
YZP
6
3000
220.0
220.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com