Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G241DCUT.Z Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC2G241DCUT.Z
Description  SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G241DCUT.Z Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2G241DCUT.Z Datasheet HTML 2Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 3Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 4Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 5Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 6Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 7Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 8Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 9Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
Supply Voltage [V
CC] (V)
Typ. Char.
C001
6
SN74LVC2G241
SCES210P – APRIL 1999 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: SN74LVC2G241
Submit Documentation Feedback
Copyright © 1999–2019, Texas Instruments Incorporated
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40°C to 85°C
UNIT
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.3
9.1
1.5
5.5
1.4
4.3
1.0
4.0
ns
ten
OE
Y
4.0
9.9
1.3
6.6
1.2
4.7
1.1
5.0
ns
tdis
OE
Y
1.5
11.6
1.0
5.7
1.4
4.6
0.5
4.2
ns
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40°C to 125°C (Recommended)
UNIT
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.3
10.1
1.5
5.6
1.4
5.3
1.0
4.2
ns
ten
OE
Y
4.0
10.9
1.3
6.6
1.2
5.7
1.2
4.3
ns
tdis
OE
Y
1.5
12.6
1.0
6.6
1.4
5.6
1.0
3.9
ns
6.7 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation
capacitance
per buffer/driver
Outputs enabled
f = 10 MHz
VCC = 1.8 V
19
pF
VCC = 2.5 V
19
VCC = 3.3 V
20
VCC = 5 V
22
Outputs disabled
VCC = 1.8 V
2
pF
VCC = 2.5 V
2
VCC = 3.3 V
2
VCC = 5 V
3
6.8 Typical Characteristic
Figure 1. tpd vs Vcc Over Full Temperature Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com