Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FBA04H24HA Datasheet(PDF) 1 Page - NMB Technologies Corporation

Part # FBA04H24HA
Description  DC Axial Fans
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

FBA04H24HA Datasheet(HTML) 1 Page - NMB Technologies Corporation

  FBA04H24HA Datasheet HTML 1Page - NMB Technologies Corporation FBA04H24HA Datasheet HTML 2Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rated
Operating
Current
Input
Rated
Max.
Max. Static
Noise
Mass
MODEL
Voltage
Voltage
Power
Speed
Air
Flow
Pressure
(V)
(V)
(A)*1
(W)*1
(min-1)*1
CFM*1 (m3/min)*1 in H2O
(Pa)*1
(dB)*1
(g)
FBA08A 12L
12
7.0 ~ 13.8
68
0.82
1900
24.0
0.68
.06
15.4
21.0
100
FBA08A12M
12
7.0 ~ 13.8
124
1.49
2450
32.1
0.91
.09
24.6
28.0
100
FBA08A 12H
12
7.0 ~ 13.8
173
2.08
2950
39.6
1.12
.14
37.1
32.0
100
FBA08A 24L
24
14.0 ~ 27.6
54
1.30
1900
24.0
0.68
.06
15.4
21.0
100
FBA08A 24M
24
14.0 ~ 27.6
71
1.70
2450
32.1
0.91
.09
24.6
28.0
100
FBA08A 24H
24
14.0 ~ 27.6
105
2.52
2950
39.6
1.12
.14
37.1
32.0
100
Rotation: Clockwise
Airflow Outlet: Air Out Over Struts
*1: Average Values in Free Air
EMINEBEA.COM
FBA08A (80 X 25.5L)
Failure Rate: 10%
50,000 Hours (40°C, 65%RH)
Allowable Ambient Temperature Range:
-10°C ~ +70°C (65%RH) (Operating)
-40°C ~ +75°C (65%RH) (Operating)
(non-condensing environment)
Units:
inch
(mm)
Bearing: Hydro Wave Bearing
2.81
(71.5)
3.15
(80)
-Pin
+Pin
NAME PLATE
Housing with solid corner type are available.
.177
8 – (f4.5)
ROTATION
1.00
(25.5)
inlet
outlet
FLOW
.157
(4)
.157
(4)
45
30
15
3000
2000
1000
0
0.5
1.0
1 .5
12V(24V)-H
12V(24V)-M
12V(24V)-L
Air Flow
(m3/min)
N
(min-1)
(Pa)
Ps
OUTLET SIDE
INLET SIDE
3.38
(f86)
2.81
(71.5)
3.07
(78)
.185
4 – (f4.7)
3.62
(f92)
2.81
(71.5)
3.07
(78)
.185
4 – (f4.7)


Similar Part No. - FBA04H24HA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBA04HA450AB-00 TAIYO-YUDEN-FBA04HA450AB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
FBA04HA450BB-00 TAIYO-YUDEN-FBA04HA450BB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
FBA04HA450UB-00 TAIYO-YUDEN-FBA04HA450UB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
FBA04HA450VB-00 TAIYO-YUDEN-FBA04HA450VB-00 Datasheet
139Kb / 1P
Leaded Ferrite Bead Inductors
FBA04HA600AB-00 TAIYO-YUDEN-FBA04HA600AB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
More results

Similar Description - FBA04H24HA

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com