Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPL2F81-2S Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPL2F81-2S
Description  Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL2F81-2S Datasheet(HTML) 5 Page - OSRAM GmbH

  SPL2F81-2S Datasheet HTML 1Page - OSRAM GmbH SPL2F81-2S Datasheet HTML 2Page - OSRAM GmbH SPL2F81-2S Datasheet HTML 3Page - OSRAM GmbH SPL2F81-2S Datasheet HTML 4Page - OSRAM GmbH SPL2F81-2S Datasheet HTML 5Page - OSRAM GmbH SPL2F81-2S Datasheet HTML 6Page - OSRAM GmbH SPL2F81-2S Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPL 2F81-2S
2007-04-13
5
Optische Kennwerte
Optical Output Power
P
opt vs.
Forward Current
I
F (TA = 25 °C)
SPL 2F81-2S
NTC Thermistor
R
T = R0 × exp (B × (1/T – 1/T0))
R
0 = 10 kΩ ± 3%, T0 = 25 °C = 298 K, B = 3730 K
Optical Characteristics
Optical Spectrum, Relative Intensity
Ι
rel vs.
Wavelength λ (
T
A = 25 °C, Popt = 1.5 W)
SPL 2F81-2S
OHW01396
0
0
I
F
opt
P
1
2
3
A
W
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
OHL01668
0
NTC
R
T
350
250
200
50
100
150
k
-40 -20
0
20
60
40
˚C 100
OHW01397
0
790
nm
λ
rel
Ι
800
810
820
830
0.25
0.50
0.75
1.00
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com