Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WA83 Datasheet(PDF) 2 Page - TT Electronics.

Part # WA83
Description  General Purpose Cement Coated Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WA83 Datasheet(HTML) 2 Page - TT Electronics.

  WA83 Datasheet HTML 1Page - TT Electronics. WA83 Datasheet HTML 2Page - TT Electronics. WA83 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
b
f1
f2
6
6
c
Body Location f 1 – f 2 ≤ 1.4 mm
Marking
WA85 resistors are legend marked with type
reference, resistance value and tolerance. In conformance
with IEC 62.
WA82, 83, 835 and 84 resistors 0R1 and above are colour
coded with 4 bands in conformance with IEC 62. Values
below 0R1 are 3 band marked, two digits and tolerance,
there is no multiplier band.
General Purpose Cement
Coated Wirewound Resistors
WA80 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07.11
Welwyn Components
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated power: 1000 hrs at 25 or 70°c
∆R%
5.0 + .001Ω
3.0
Dry heat: 1000 hrs at 200°c
∆R%
5.0 + .001Ω
3.0
e
v
r
u
c
g
n
it
a
r
e
d
e
e
S
c
°
5
2
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Short term overload
∆R%
5.0 + .001Ω
1.0
Climatic
∆R%
5.0 + .001Ω
2.0
Climatic category
∆R%
55/200/56
Long term damp Heat: 56 days
∆R%
5.0 + .001Ω
1.0
T.R.C. & Vibration
∆R%
5.0 + .001Ω
1.0
Robustness & Solder Heat
∆R%
5.0 + .001Ω
1.0
Pulse Handling
See:
https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Resistors/ApplicationNotes/Wirewound-Pulse-Overload-Resistors.pdf
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning fluids suitable for printed circuits.
Flammability
The resistor coating will not burn under any condition of
applied temperature or component overload.
Performance Data
Application Notes
Care must be taken when determining clearance between the
resistor body and the P.C.B. or other components. Resistance
is measured 6mm from body.
Packaging
All resistors are supplied tape packed ready for loading onto
automatic sequencing and insertion machines. The critical
dimensions are shown in figure 2.
Component wires will not protrude beyond the outside edge
of the tapes.
All taped resistors will be supplied either on reels or in
ammopacks, depending upon quantities orderded.
These products are also available in a range of lead forming options.
In particular, WA83, 84 and 85 are available in ZI-form SMD format
packed in blister tape
see http://www.ttelectronics.com/themes/ttelectronics/datasheets/resistors/ZI-form.pdf
Figure 2
Type
WA82
WA83
WA835
WA84
WA85
b
52
52
52
67
63
c
5
5
5
10
10
WA80 Series
b
f1
f2
6
6
c
Body Location f 1 – f 2 ≤ 1.4 mm
Marking
WA85 resistors are legend marked with type
reference, resistance value and tolerance. In conformance
with IEC 62.
WA82, 83, 835 and 84 resistors 0R1 and above are colour
coded with 4 bands in conformance with IEC 62. Values
below 0R1 are 3 band marked, two digits and tolerance,
there is no multiplier band.
General Purpose Cement
Coated Wirewound Resistors
WA80 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07.11
Welwyn Components
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated power: 1000 hrs at 25 or 70°c
∆R%
5.0 + .001Ω
3.0
Dry heat: 1000 hrs at 200°c
∆R%
5.0 + .001Ω
3.0
e
v
r
u
c
g
n
it
a
r
e
d
e
e
S
c
°
5
2
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Short term overload
∆R%
5.0 + .001Ω
1.0
Climatic
∆R%
5.0 + .001Ω
2.0
Climatic category
∆R%
55/200/56
Long term damp Heat: 56 days
∆R%
5.0 + .001Ω
1.0
T.R.C. & Vibration
∆R%
5.0 + .001Ω
1.0
Robustness & Solder Heat
∆R%
5.0 + .001Ω
1.0
Pulse Handling
See:
https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Resistors/ApplicationNotes/Wirewound-Pulse-Overload-Resistors.pdf
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning fluids suitable for printed circuits.
Flammability
The resistor coating will not burn under any condition of
applied temperature or component overload.
Performance Data
Application Notes
Care must be taken when determining clearance between the
resistor body and the P.C.B. or other components. Resistance
is measured 6mm from body.
Packaging
All resistors are supplied tape packed ready for loading onto
automatic sequencing and insertion machines. The critical
dimensions are shown in figure 2.
Component wires will not protrude beyond the outside edge
of the tapes.
All taped resistors will be supplied either on reels or in
ammopacks, depending upon quantities orderded.
These products are also available in a range of lead forming options.
In particular, WA83, 84 and 85 are available in ZI-form SMD format
packed in blister tape
see http://www.ttelectronics.com/themes/ttelectronics/datasheets/resistors/ZI-form.pdf
Figure 2
Type
WA82
WA83
WA835
WA84
WA85
b
52
52
52
67
63
c
5
5
5
10
10
General Purpose Cement
Coated Wirewound Resistors
WA80 resistors can be supplied with radial, goalpost or lancet pre-formed
leads- see
https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Application-Note/TN008-Resistors-Leadform-Capability.pdf
WA83, 84 and 85 is also available in ZI-form SMD format packed in blister
tape- see
https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Resistors/Datasheets/ZI-form.pdf
10.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com