Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPIB Datasheet(PDF) 16 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 16 Page - TEKTRONIX, INC.

Back Button GPIB Datasheet HTML 12Page - TEKTRONIX, INC. GPIB Datasheet HTML 13Page - TEKTRONIX, INC. GPIB Datasheet HTML 14Page - TEKTRONIX, INC. GPIB Datasheet HTML 15Page - TEKTRONIX, INC. GPIB Datasheet HTML 16Page - TEKTRONIX, INC. GPIB Datasheet HTML 17Page - TEKTRONIX, INC. GPIB Datasheet HTML 18Page - TEKTRONIX, INC. GPIB Datasheet HTML 19Page - TEKTRONIX, INC. GPIB Datasheet HTML 20Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Serial protocol triggering and analysis (optional)
During debugging, it can be invaluable to trace the flow of activity through a
system by observing the traffic on one or more serial buses. It could take
many minutes to manually decode a single serial packet, much less the
thousands of packets that may be present in a long acquisition.
And if you know the event of interest that you are attempting to capture
occurs when a particular command is sent across a serial bus, wouldn't it
be nice if you could trigger on that event? Unfortunately, it's not as easy as
simply specifying an edge or a pulse width trigger.
Triggering on a CAN serial bus. A bus waveform provides time-correlated decoded packet content including Start, Arbitration, Control, Data, CRC and ACK while the bus decode table
presents all packet content from the entire acquisition.
The 4 Series MSO offers a robust set of tools for working with the most
common serial buses found in embedded design including I2C, SPI, I3C,
RS-232/422/485/UART, SPMI, CAN, CAN FD, LIN, FlexRay, SENT, PSI5,
USB LS/FS/HS, eUSB 2.0, Ethernet 10/100, Audio (I2S/LJ/RJ/TDM), MIL-
STD-1553, ARINC 429, Spacewire, MDIO, SVID, and NRZ.
Serial protocol search enables you to search through a long acquisition of
serial packets and find the ones that contain the specific packet content you
specify. Each occurrence is highlighted by a search mark. Rapid navigation
between marks is as simple as pressing the Previous ( ← ) and Next ( → )
buttons on the front panel or in the Search badge that appears in the
Results Bar.
The tools described for serial buses also work on parallel buses. Support
for parallel buses is standard in the 4 Series MSO. Parallel buses can be
up to 48 bits wide and can include a combination of analog and digital
channels.
Serial protocol triggering lets you trigger on specific packet content
including start of packet, specific addresses, specific data content,
unique identifiers, and errors.
Bus waveforms provide a higher-level, combined view of the individual
signals (clock, data, chip enable, and so on) that make up your bus,
making it easy to identify where packets begin and end, and identifying
sub-packet components such as address, data, identifier, CRC, and so
on.
The bus waveform is time aligned with all other displayed signals,
making it easy to measure timing relationships across various parts of
the system under test.
Bus decode tables provide a tabular view of all decoded packets in an
acquisition much like you would see in a software listing. Packets are
time stamped and listed consecutively with columns for each
component (Address, Data, and so on).
Datasheet
16 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com