Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4-SRUSB2 Datasheet(PDF) 21 Page - TEKTRONIX, INC.

Part # 4-SRUSB2
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4-SRUSB2 Datasheet(HTML) 21 Page - TEKTRONIX, INC.

Back Button 4-SRUSB2 Datasheet HTML 17Page - TEKTRONIX, INC. 4-SRUSB2 Datasheet HTML 18Page - TEKTRONIX, INC. 4-SRUSB2 Datasheet HTML 19Page - TEKTRONIX, INC. 4-SRUSB2 Datasheet HTML 20Page - TEKTRONIX, INC. 4-SRUSB2 Datasheet HTML 21Page - TEKTRONIX, INC. 4-SRUSB2 Datasheet HTML 22Page - TEKTRONIX, INC. 4-SRUSB2 Datasheet HTML 23Page - TEKTRONIX, INC. 4-SRUSB2 Datasheet HTML 24Page - TEKTRONIX, INC. 4-SRUSB2 Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Three USB 2.0 ports on the front and two more USB 2.0 host ports on
the rear panel enable easy transfer of screen shots, instrument
settings, and waveform data to a USB mass storage device. A USB
mouse and keyboard can also be attached to USB host ports for
instrument control and data entry.
The rear panel USB Device port is useful for controlling the
oscilloscope remotely from a PC.
The standard 10/100/1000BASE-T Ethernet port on the rear of the
instrument enables easy connection to networks and provides LXI Core
2011 compatibility.
The HDMI port on the rear of the instrument lets you duplicate the
instrument display on an external monitor or projector with 1,920 x
1,080 resolution.
The I/O you need to connect the 4 Series MSO to the rest of your design environment.
Remote operation to improve collaboration
Want to collaborate with a design team on the other side of the world?
The embedded e*Scope
® capability enables fast control of the oscilloscope
over a network connection through a standard web browser. Simply enter
the IP address or network name of the oscilloscope and a web page will be
served to the browser. Control the oscilloscope remotely in the exact same
way that you do in-person.
The industry-standard TekVISA™ protocol interface is included for using
and enhancing Windows applications for data analysis and documentation.
IVI-COM instrument drivers are included to enable easy communication
with the oscilloscope using LAN or USBTMC connections from an external
PC.
e*Scope provides simple remote viewing and control using common web browsers.
Arbitrary/Function Generator (AFG)
The instrument contains an optional integrated arbitrary/function generator,
perfect for simulating sensor signals within a design or adding noise to
signals to perform margin testing. The integrated function generator
provides output of predefined waveforms up to 50 MHz for sine, square,
pulse, ramp/triangle, DC, noise, sin(x)/x (Sinc), Gaussian, Lorentz,
exponential rise/fall, Haversine and cardiac. The AFG can load waveform
records up to 128 k points in size from an internal file location or a USB
mass storage device.
The AFG feature is compatible with Tektronix' ArbExpress PC-based
waveform creation and editing software, making creation of complex
waveforms fast and easy.
Digital Voltmeter (DVM) and Trigger Frequency
Counter
The instrument contains an integrated 4-digit digital voltmeter (DVM) and 8-
digit trigger frequency counter. Any of the analog inputs can be a source for
the voltmeter, using the same probes that are already attached for general
oscilloscope usage. The trigger frequency counter provides a very precise
readout of the frequency of the trigger event on which you’re triggering.
Both the DVM and trigger frequency counter are available for free and are
activated when you register your product.
Enhanced security option
The optional 4-SEC enhanced security option enables password-protected
enabling/disabling of all instrument I/O ports and firmware upgrades. In
addition, option 4-SEC provides the highest level of security by ensuring
that internal memory never stores user settings or waveform data, in
compliance with National Industrial Security Program Operating Manual
(NISPOM) DoD 5220.22-M, Chapter 8 requirements and Defense Security
Service Manual for the Certification and Accreditation of Classified Systems
under the NISPOM. This ensures that you can confidently move the
instrument out of a secure area.
4 Series MSO
www.tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com