Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH3310 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH3310
Description  Silicon NPN Phototransistor with V貫 Characteristics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3310 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH3310 Datasheet HTML 1Page - OSRAM GmbH SFH3310 Datasheet HTML 2Page - OSRAM GmbH SFH3310 Datasheet HTML 3Page - OSRAM GmbH SFH3310 Datasheet HTML 4Page - OSRAM GmbH SFH3310 Datasheet HTML 5Page - OSRAM GmbH SFH3310 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2007-05-29
2
SFH 3310
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40
… + 100
°C
Kollektor-Emitterspannung
Collector-emitter voltage
V
CE
5.5
V
Kollektorstrom
Collector current
I
C
20
mA
Emitter-Kollektorspannung
Emitter-collector voltage
V
EC
0.5
V
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
Smax
570
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
350 … 970
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
0.29
mm
2
Abmessung der Chipfläche
Dimensions of chip area
L × B
L × W
0.75
× 0.75
mm
× mm
Halbwinkel
Half angle
ϕ
± 75
Grad.
deg.
Kapazität,
V
CE = 0 V, f = 1 MHz, E = 0
Capacitance
C
CE
16
pF
Dunkelstrom
Dark current
V
R = 5 V
I
CEO
3 (< 50)
nA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com