Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LGV296 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LGV296
Description  Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGV296 Datasheet(HTML) 1 Page - OSRAM GmbH

  LGV296 Datasheet HTML 1Page - OSRAM GmbH LGV296 Datasheet HTML 2Page - OSRAM GmbH LGV296 Datasheet HTML 3Page - OSRAM GmbH LGV296 Datasheet HTML 4Page - OSRAM GmbH LGV296 Datasheet HTML 5Page - OSRAM GmbH LGV296 Datasheet HTML 6Page - OSRAM GmbH LGV296 Datasheet HTML 7Page - OSRAM GmbH LGV296 Datasheet HTML 8Page - OSRAM GmbH LGV296 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LG V296, LO V296, LS V296, LY V296
FIREFLY
®
Hyper-Bright LED
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten / Preliminary Data
2007-05-30
1
Besondere Merkmale
• Gehäusetyp: SMT Gehäuse, farbloser diffuser
Verguss
• Besonderheit des Bauteils: kompakte
Bauform mit seitlicher Abstrahlrichtung
1,6 x 1,2 x 0,6 mm (LxBxH)
• Wellenlänge: 570 nm (grün),
606 nm (orange), 633 nm (super-rot),
587 nm (gelb)
• Abstrahlwinkel: horizontal 140°, vertikal 135°
• Technologie: InGaAlP
• optischer Wirkungsgrad: 5 lm/W (grün),
7 lm/W (super-rot), 11 lm/W (orange, gelb)
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 5000/Rolle, ø180 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-B
Anwendungen
• Flache Hinterleuchtung (LCD, Mobile Phone,
Schalter, Display)
• Signal- und Symbolleuchten
• Markierungsbeleuchtung (z.B. Stufen,
Fluchtwege, u.ä.)
Features
• package: SMT package, colorless diffused
resin
• feature of the device: compact package; side
emitting LED; 1.6 x 1.2 x 0.6 mm (LxWxH)
• wavelength: 570 nm (green),
606 nm (orange), 633 nm (super-red),
587 nm (yellow)
• viewing angle: horizontal 140°, vertical 135°
technology: InGaAlP
• optical efficiency: 5 lm/W (green),
7 lm/W (super-red), 11 lm/W (orange, yellow)
• grouping parameter: luminous intensity,
wavelength
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 5000/reel, ø180 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-B
Applications
• flat backlighting (LCD, cellular phones,
switches, displays)
• signal and symbol luminaire
• marker lights (e.g. steps, exit ways, etc.)


Similar Part No. - LGV296

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGV196 OSRAM-LGV196 Datasheet
410Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LGV296

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
Hyper TOPLED White Hyper-Bright LED
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
Hyper SIDELED Hyper-Bright LED
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
Hyper CHIPLED Hyper-Bright LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
Hyper PointLED Hyper-Bright LED
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com